Electronic Components Datasheet Search
  English  ▼

X  

CDC7005RGZ Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC7005RGZ
Description  3.3-V HIGH PERFORMANCE CLOCK SYNTHSIZER AND JITTER CLEANER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC7005RGZ Datasheet(HTML) 3 Page - Texas Instruments

  CDC7005RGZ Datasheet HTML 1Page - Texas Instruments CDC7005RGZ Datasheet HTML 2Page - Texas Instruments CDC7005RGZ Datasheet HTML 3Page - Texas Instruments CDC7005RGZ Datasheet HTML 4Page - Texas Instruments CDC7005RGZ Datasheet HTML 5Page - Texas Instruments CDC7005RGZ Datasheet HTML 6Page - Texas Instruments CDC7005RGZ Datasheet HTML 7Page - Texas Instruments CDC7005RGZ Datasheet HTML 8Page - Texas Instruments CDC7005RGZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CDC7005
3.3V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
SCAS685L− DECEMBER 2002 − REVISED JUNE 2009
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
BGA
QFN
TYPE
DESCRIPTION
AVCC
C3, C4, C5, C6, C7
27, 30, 32, 38, 39
Power
3.3-V analog power supply
CP_OUT
A4
31
O
Charge pump output
CTRL_LE
A1
36
I
LVCMOS input, control load enable for serial programmable
interface (SPI) with hysteresis. Unused or floating inputs must be
tied to proper logic level. It is recommend to use a 20k
Ω or larger
pull−up resistor to VCC.
CTRL_CLK
A2
35
I
LVCMOS input, serial control clock input for SPI, with hysteresis.
Unused or floating inputs must be tied to proper logic level. It is
recommend to use a 20k
Ω or larger pull−up resistor to VCC.
CTRL_DATA
A3
33
I
LVCMOS input, serial control data input for SPI, with hysteresis.
Unused or floating inputs must be tied to proper logic level. It is
recommend to use a 20k
Ω or larger pull−up resistor to VCC.
GND
B2, B3, B4, B5, B6,
B7, B8, C2, D2, D3,
D4, D5, D6, E2, F2,
F3, F4, F5, F6
Thermal pad and
pin 24
Ground
Ground
I_REF
C1
40
O
Current path for external reference resistor (12 k
Ω ±1%) to support
an accurate charge pump current, optional. Do not use any
capacitor across this resistor to prevent noise coupling via this
node. If internal 12 k
Ω is selected (default setting), this pin can be
left open.
NC
−
34
−
Not connected
NPD
H1
1
I
LVCMOS input, asynchronous power down (PD) signal active on
low. Switches all current sources off, resets all dividers to default
values, and 3-states all outputs. Has an internal 150-k
Ω pullup
resistor.
Note 2: It is recommended to ramp up NPD at the same time with
VCC and AVCC or later. The ramp up rate should not be faster than
the ramp up rate of VCC and AVCC
NRESET
H8
14
I
LVCMOS input, asynchronous reset signal active on low. Resets
the counter of all dividers to zero keeping its divider values the
same. It has an internal 150-k
Ω pullup resistor. Yx outputs are
switched low during reset.
OPA_IN
A5
29
I
Inverting input of the op amp, see Note 1
OPA_OUT
A7
26
O
Output of the op amp, see Note 1
OPA_IP
A6
28
I
Noninverting input of the op amp, see Note 1
REF_IN
B1
37
I
LVCMOS reference clock input
STATUS_LOCK
A8
25
O
This pin is high if the PLL lock definition is valid. PLL lock definition
means the rising edge of REF_IN clock and VCXO_IN clock for
PFD are inside the lock detect window for at least five successive
input clock cycles. If the rising edge of REF_IN clock and VCXO_IN
clock are out of the selected lock detect window, this pin will be low,
but it does not refer to the real lock condition of the PLL. This
means, that i.e. due to a strong jitter at REF_IN or VCXO_IN
STATUS_LOCK can be low, even if the PLL is in Lock. The PLL is
in lock for sure, if STATUS_LOCK is high.See Table 8 and Figure 4.
STATUS_REF
C8
23
O
LVCMOS output provides the status of the reference input
(frequencies above 3.5 MHz are interpreted as valid clock, active
high)
STATUS_VCXO
D8
22
O
LVCMOS outputs provides the status of the VCXO input
(frequencies above 10 MHz are interpreted as valid clock, active
high)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com