Electronic Components Datasheet Search
  English  ▼

X  

AS5263 Datasheet(PDF) 14 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 14 Page - ams AG

Back Button AS5263 Datasheet HTML 10Page - ams AG AS5263 Datasheet HTML 11Page - ams AG AS5263 Datasheet HTML 12Page - ams AG AS5263 Datasheet HTML 13Page - ams AG AS5263 Datasheet HTML 14Page - ams AG AS5263 Datasheet HTML 15Page - ams AG AS5263 Datasheet HTML 16Page - ams AG AS5263 Datasheet HTML 17Page - ams AG AS5263 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
13 - 37
AS5263
Datasheet - Detailed Descr i pti on
Figure 8. Overview of the Angular Output Voltage
Figure 8 gives an overview of the different ranges. The failure bands are used to indicate a wrong operation of the AS5263. This can be caused
due to a broken supply line. By using the specified load resistors, the output level will remain in these bands during a fail. It is recommended to
set the clamping level CLL above the lower failure band and the clamping level CLH below the higher failure band.
Clamping Region Low
Failure Band Low
0
4
CLL
CLH
96
100
Failure Band High
Application Region
Clamping Region High
T2Y
T1Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38