Electronic Components Datasheet Search
  English  ▼

X  

AS5263 Datasheet(PDF) 31 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 31 Page - ams AG

Back Button AS5263 Datasheet HTML 27Page - ams AG AS5263 Datasheet HTML 28Page - ams AG AS5263 Datasheet HTML 29Page - ams AG AS5263 Datasheet HTML 30Page - ams AG AS5263 Datasheet HTML 31Page - ams AG AS5263 Datasheet HTML 32Page - ams AG AS5263 Datasheet HTML 33Page - ams AG AS5263 Datasheet HTML 34Page - ams AG AS5263 Datasheet HTML 35Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
30 - 37
AS5263
Datasheet - Application In form atio n
Note:
Factory settings (FS) are used for testing and programming at AMS. These settings are locked (only read access possbile).
DATA3
(0x03)
0
BP<8>
0
Break Point
1
BP<9>
0
2
BP<10>
0
3
BP<11>
0
4
BP<12>
0
5
BP<13>
0
6
FAST_SLOW
0
Output Data Rate
7
EXT_RANGE
0
Enables a wider z-Range
DATA2
(0x02)
0
Gain<0>
0
Gain
1
Gain<1>
0
2
Gain<2>
0
3
Gain<3>
0
4
Gain<4>
0
5
Gain<5>
0
6
Gain<6>
0
7
Gain<7>
0
DATA1
(0x01)
0
Gain<8>
0
Gain
1
Gain<9>
0
2
Gain<10>
0
3Gain<11>
0
4
Gain<12>
0
5
Gain<13>
0
6
Invert_Slope
0
Clockwise /Counterclockwise
rotation
7
Lock_OTPCUST
0
Customer Memory Lock
DATA0
(0x00)
0
redundancy<0>
0
Redundancy Bits
1
redundancy<1>
0
2
redundancy<2>
0
3
redundancy<3>
0
4
redundancy<4>
0
5
redundancy<5>
0
6
redundancy<6>
0
7
redundancy<7>
0
Table 16. OTP Data Organization
Data Byte
Bit Number
Symbol
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com