Electronic Components Datasheet Search
  English  ▼

X  

AS5263 Datasheet(PDF) 22 Page - ams AG

Part # AS5263
Description  12-Bit Redundant Automotive Angle Position Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5263 Datasheet(HTML) 22 Page - ams AG

Back Button AS5263 Datasheet HTML 18Page - ams AG AS5263 Datasheet HTML 19Page - ams AG AS5263 Datasheet HTML 20Page - ams AG AS5263 Datasheet HTML 21Page - ams AG AS5263 Datasheet HTML 22Page - ams AG AS5263 Datasheet HTML 23Page - ams AG AS5263 Datasheet HTML 24Page - ams AG AS5263 Datasheet HTML 25Page - ams AG AS5263 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
www.austriamicrosystems.com/AS5263
Revision 1.4
21 - 37
AS5263
Datasheet - Application In form atio n
In case of READ or READ128 command (see Figure 15) the idle phase between the command and the answer is 10 TBIT (TSW).
Figure 16. Bus Timing for the READ Commands
In case of a WRITE command, the device stays in slave communication mode and will not switch to master communication mode.
When using other commands like DOWNLOAD, UPLOAD, etc. instead of READ or WRITE, it does not matter what is written in the address
fields (ADDR1, ADDR2).
8.1.3 UNBLOCK
The Unblock command can be used to reset only the one-wire interface of the AS5263 in order to recover the possibility to communicate again
without the need of a POR after a stacking event due to noise on the bus line or misalignment with the AS5263 protocol.
The command is composed by a not idle phase of at least 6 TBIT followed by a packet with all 20 bits at zero (see Figure 17).
Figure 17. Unblock Sequence
IDLE
01
10
P
00 0
DATA1
DATA0
20*TBIT
ADDR2
ADDR1
Slave Communication Mode
Master Communication Mode
TSW
IDLE
START
VH
VL
= 6 * TBIT => 3072* TCLK
PACKET[19:0] = 0x00000
START
= 512*TCLK
= 512*TCLK
20*TBIT => 10240*TCLK
= 512*TCLK
IDLE
IDLE
COMMAND FROM EXT MASTER
NOT IDLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com