Electronic Components Datasheet Search
  English  ▼

X  

AS8220 Datasheet(PDF) 7 Page - ams AG

Part # AS8220
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220 Datasheet(HTML) 7 Page - ams AG

Back Button AS8220 Datasheet HTML 3Page - ams AG AS8220 Datasheet HTML 4Page - ams AG AS8220 Datasheet HTML 5Page - ams AG AS8220 Datasheet HTML 6Page - ams AG AS8220 Datasheet HTML 7Page - ams AG AS8220 Datasheet HTML 8Page - ams AG AS8220 Datasheet HTML 9Page - ams AG AS8220 Datasheet HTML 10Page - ams AG AS8220 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
6 - 33
AS8220A
Objective Data Sheet - Electrical Characteristics
6 Electrical Characteristics
Tvj = -40 to +150 ºC, VCC = +4.75V to +5.25V, VIO = +2.2 to VCC, RL= 45Ω, CL= 100 pF unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
Tamb
Ambient temperature
-40
+125
ºC
VCC-VIO
Difference of supplies
-0.1
3.05
V
ICC
VCC current consumption
STANDBY Mode
1
VCC = 0V to +5.25V
-5
30
µA
NORMAL mode, driver
enabled
045
mA
NORMAL Mode, driver
enabled, RBUS = ∞Ω
015
mA
NORMAL mode, driver
disabled
010
mA
IIO
VIO current consumption
STANDBY mode
1
VIO = 0V to +5.25V
-5
5
µA
NORMAL Mode
0
1
mA
State Transitions
tSTBN_RxD
Delay STBN high to RxD
high with wake flag set
150
µs
tSTANDBY
go-to STANDBY hold time
INH1 low = 20% VBAT
10
70
µs
Transmitter
VBUS_DIFF_D0
Differential bus voltage low
in NORMAL mode (Data0)
VBPdata0 - VBMdata0;
40
Ω < RL < 55Ω
-2
-0.6
V
VBUS_DIFF_D1
Differential bus voltage
high in NORMAL mode
(Data1)
VBPdata1 - VBMdata1;
40
Ω < RL < 55Ω
0.6
2
V
ΔVBUS_DIFF
Matching between Data0
and Data1 differential bus
voltage in NORMAL mode
VBUS_DIFF_D0 - VBUS_DIFF_D1
40
Ω < RL < 55Ω
-200
200
mV
VBUS_COM_D0
Common mode bus voltage
in case of Data0 in
NORMAL mode
VBPdata0/2 + VBMdata0/2
40
Ω < RL < 55Ω
0.4 *
VCC
0.6 *
VCC
V
VBUS_COM_D1
Common mode bus voltage
in case of Data1 in
NORMAL mode
VBPdata1/2 + VBMdata1/2
40
Ω < RL < 55Ω
0.4 *
VCC
0.6 *
VCC
V
ΔVBUS_COM
Matching between Data0
and Data1 common mode
voltage
VBUS_COM_D0 - VBUS_COM_D1
40
Ω < RL < 55Ω
-200
200
mV
VBUS_DIFF_Idle
Absolute differential bus
voltage in idle mode
30
mV
IBPBMShortMax
IBMBPShortMax
Absolute max current when
BP is shorted to BM
VBP=VBM
+100
mA
IBPGNDShortMax
Absolute max current when
BP is shorted to GND
VBP= 0V
+100
mA
IBMGNDShortMax
Absolute max current when
BM is shorted to GND
VBM= 0V
+100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com