Electronic Components Datasheet Search
  English  ▼

X  

AS8220 Datasheet(PDF) 8 Page - ams AG

Part # AS8220
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220 Datasheet(HTML) 8 Page - ams AG

Back Button AS8220 Datasheet HTML 4Page - ams AG AS8220 Datasheet HTML 5Page - ams AG AS8220 Datasheet HTML 6Page - ams AG AS8220 Datasheet HTML 7Page - ams AG AS8220 Datasheet HTML 8Page - ams AG AS8220 Datasheet HTML 9Page - ams AG AS8220 Datasheet HTML 10Page - ams AG AS8220 Datasheet HTML 11Page - ams AG AS8220 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
7 - 33
AS8220A
Objective Data Sheet - Electrical Characteristics
IBP-5VShortMax
Absolute max current when
BP is shorted to -5 V
VBP= -5V
+100
mA
IBM-5VShortMax
Absolute max current when
BM is shorted to -5 V
VBM= -5V
+100
mA
IBP27VShortMax
Absolute max current when
BP is shorted to 27 V
VBP= 27V
+100
mA
IBM27VShortMax
Absolute max current when
BM is shorted to 27 V
VBM= 27V
+100
mA
IBP48VShortMax
Absolute max current when
BP is shorted to 48 V
VBP= 48V
+100
mA
IBM48VShortMax
Absolute max current when
BM is shorted to 48 V
VBM= 48V
+100
mA
tTxD_BUS01
Delay time from TxD to
BUS positive edge
tTxD_RISE = 5ns
50
ns
tTxD_BUS10
Delay time from TxD to
BUS negative edge
tTxD_FALL = 5ns
50
ns
tTxD_MISMATCH
Delay time from TxD to
BUS mismatch
tTxD_BUS10 - tTxD_BUS01
-4
4
ns
tBUS10
Fall time differential bus
voltage
80% - 20% of VBUS
3.75
18.75
ns
tBUS01
Rise time differential bus
voltage
20% - 80% of VBUS
3.75
18.75
ns
tTxEN_BUS_Idle_Active
Delay time from TxEN to
bus active
50
ns
tTxEN_BUS_Active_Idle
Delay time from TxEN to
bus idle
50
ns
tTxEN_MISMATCH
Delay time from TxEN to
bus mismatch
|tTxEN_BUS_Idle_Active -
tTxEN_BUS_Active_Idle|
50
ns
tBGE_BUS_Idle_Active
Delay time from BGE to
bus active
50
ns
tBGE_BUS_Active_Idle
Delay time from BGE to
bus idle
50
ns
tBUS_Idle_Active
Differential bus voltage
transition time: idle to
active
30
ns
tBUS_Active_Idle
Differential bus voltage
transition time: active to
idle
30
ns
tTxEN_timeout
TxEN timeout
0.64
3.07
ms
Receiver
RBP, RBM
BP, BM input resistance
Idle mode; RBUS=∞
10
40
K
Ω
RDIFF
BP, BM differential input
resistance
Idle mode; RBUS=∞
20
80
K
Ω
VBPidle,
VBMidle
Idle voltage in NORMAL
mode on pin BP, BM
NORMAL mode; VTxEN =
VIO
0.4*
VCC
0.5*
VCC
0.6*
VCC
V
VBPidle_low,
VBMidle_low
Idle voltage in STANDBY
mode on pin BP, BM
STANDBY mode
-0.2
0
+0.2
V
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com