Electronic Components Datasheet Search
  English  ▼

X  

AS8220 Datasheet(PDF) 9 Page - ams AG

Part # AS8220
Description  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8220 Datasheet(HTML) 9 Page - ams AG

Back Button AS8220 Datasheet HTML 5Page - ams AG AS8220 Datasheet HTML 6Page - ams AG AS8220 Datasheet HTML 7Page - ams AG AS8220 Datasheet HTML 8Page - ams AG AS8220 Datasheet HTML 9Page - ams AG AS8220 Datasheet HTML 10Page - ams AG AS8220 Datasheet HTML 11Page - ams AG AS8220 Datasheet HTML 12Page - ams AG AS8220 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
8 - 33
AS8220A
Objective Data Sheet - Electrical Characteristics
IBPidle
Absolute idle output current
on pin BP
-40V < VBP < 50V
07.5
mA
IBMidle
Absolute idle output current
on pin BM
-40V < VBM < 50V
07.5
mA
IBPleak,
IBMleak
Absolute leakage current,
when not powered
VBP = VBM = 5V, VCC = 0V,
VBAT = 0V; VIO = 0V
0
+10
uA
VBUSActiveHigh
Activity detection
differential input voltage
high
NORMAL mode
-10V < (VBP , VBM) < 15V
150
225
400
mV
VBUSActiveLow
Activity detection
differential input voltage
low
NORMAL mode
-10V < (VBP , VBM)< 15V
-400
-225
-150
mV
VData1
Data1 detection differential
input voltage
Pre-condition: activity already
detected. NORMAL mode.
-10V < (VBP , VBM)< 15V
150
225
300
mV
VData0
Data0 detection differential
input voltage
Pre-condition: activity already
detected. NORMAL mode.
-10V < (VBP , VBM)< 15V
-300
-225
-150
mV
VDataErr
Mismatch between Data0
and Data1 differential input
voltage
2 x (
⎜⎜VData0⎜- ⎜VData1⎜⎜) /
(
⎜VData0⎜+⎜VData1⎜)
2
10
%
tBUS_RxD10
Delay from BUS to RxD
negative edge
CRxD = 15 pF
3
80
ns
tBUS_RxD01
Delay from BUS to RxD
positive edge
CRxD = 15 pF
3
80
ns
tBIT
Bit time
CRxD = 15 pF
3
54
ns
tRxD_ASYM
Delay time from BUS to
RxD mismatch
CRXD=15 pF;
|tBUS_RxD10- tBUS_RxD01|
3
5ns
tRxD_FALL
Fall time RxD voltage
80% - 20% of VRxD;
CRxD=15 pF
3
5ns
tRxD_RISE
Rise time RxD voltage
20% - 80% of VRxD;
CRxD=15 pF
3
5ns
tBUSIdleDetection
Idle detection time
VBUS: 400mV → 0V
50
200
ns
tBUSActivitiyDetection
Activity detection time
VBUS: 0V → 400mV
100
250
ns
tBUSIdleReaction
Idle reaction time
VBUS: 400mV → 0V
50
300
ns
tBUSActivityReaction
Activity reaction time
VBUS: 0V → 400mV
100
350
ns
Supply Voltage Monitor
VCCTHH
VCC under-voltage
recovery threshold
3.5
4.5
V
VCCTHL
VCC undervoltage detection
threshold
2.5
3.5
V
VIOTHH
VIO undervoltage recovery
threshold
1.25
2.0
V
VIOTHL
VIO undervoltage detection
threshold
0.75
1.5
V
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com