Electronic Components Datasheet Search
  English  ▼

X  

TSL238 Datasheet(PDF) 9 Page - ams AG

Part # TSL238
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238 Datasheet(HTML) 9 Page - ams AG

Back Button TSL238 Datasheet HTML 5Page - ams AG TSL238 Datasheet HTML 6Page - ams AG TSL238 Datasheet HTML 7Page - ams AG TSL238 Datasheet HTML 8Page - ams AG TSL238 Datasheet HTML 9Page - ams AG TSL238 Datasheet HTML 10Page - ams AG TSL238 Datasheet HTML 11Page - ams AG TSL238 Datasheet HTML 12Page - ams AG TSL238 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TSL238
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS073J − SEPTEMBER 2008
8
r
r
Copyright
E 2008, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
MECHANICAL DATA
This SOIC package consists of an integrated circuit mounted on a lead frame and encapsulated with an electrically
nonconductive clear plastic compound having an index of refraction of 1.55.
PACKAGE D
PLASTIC SMALL-OUTLINE
A
1.75
1.35
0.50
0.25
4.00
3.80
6.20
5.80
45
5
0.88 TYP TOP OF
SENSOR DIE
5.00
4.80
5.3
MAX
1.27
0.41
0.25
0.10
0.25
0.19
DETAIL A
PIN 1
6
y 1.27
0.510
0.330
8
y
j 2.8 TYP
CLEAR WINDOW
NOTE B
PIN 1
TOP VIEW
BOTTOM VIEW
SIDE VIEW
END VIEW
Lead Free
Pb
NOTES: A. All linear dimensions are in millimeters.
B. The center of the 0.84-mm by 0.84-mm photo-active area is located in the center of the package
± 0.25 mm.
C. Pin 4 is resistively coupled to the substrate of the die, which is at the same potential as Pin 6. Pin 4 must either be connected to
Pin 6 or left unconnected. Pin 4 cannot be used as the sole ground connection.
D. Leads are plated with Pd (min 0.1
μ inch) + Ni (min 10 μ inch) + Au (min 0.1 μ inch).
E. This drawing is subject to change without notice.
Figure 9. Package D — Plastic Small Outline IC Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com