Electronic Components Datasheet Search
  English  ▼

X  

TSL238 Datasheet(PDF) 4 Page - ams AG

Part # TSL238
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238 Datasheet(HTML) 4 Page - ams AG

  TSL238 Datasheet HTML 1Page - ams AG TSL238 Datasheet HTML 2Page - ams AG TSL238 Datasheet HTML 3Page - ams AG TSL238 Datasheet HTML 4Page - ams AG TSL238 Datasheet HTML 5Page - ams AG TSL238 Datasheet HTML 6Page - ams AG TSL238 Datasheet HTML 7Page - ams AG TSL238 Datasheet HTML 8Page - ams AG TSL238 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TSL238
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS073J − SEPTEMBER 2008
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2008, TAOS Inc.
www.taosinc.com
Electrical Characteristics at VDD = 5 V, TA = 25°C (Note 1) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = − 1 mA
4
4.5
V
VOL
Low-level output voltage
IOL = 1 mA
0.25
0.4
V
IIH
High-level input current
−10
10
μA
IIH
Low-level input current
−10
10
μA
IDD
Supply current
Ee = 21.2 μW/cm2
2
3
mA
Full-scale frequency (Note 2)
TA = 50°C (Note 3)
500
1000
kHz
Temperature coefficient of responsivity
Wavelength < 600nm, fO = 50 kHz
±200
ppm/
°C
kSVS
Supply-voltage sensitivity
VDD = 5 V ±10%
±0.5
%/ V
NOTES: 1. The input irradiance is supplied with green LED light source with peak wavelength = 524 nm.
2. Full-scale frequency is the maximum frequency of the device without saturation. Higher irradiance will not result in any additional
increase of output frequency. The output frequency will remain at approximately the saturation frequency to a minimum of 1000
μW/sqcm 524-nm irradiance. During production testing, devices are not tested at this very high irradiance level.
3. Measured at wafer probe using 50
°C hot chuck.
Operating Characteristics at VDD = 5 V, TA = 25°C, λp = 524 nm (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fO
Output frequency
Ee = 21.2 μW/cm2
40
50
60
kHz
f
Dark frequency
Ee = 0 μW/cm2
0
1.2
Hz
fD
Dark frequency
Ee = 0 μW/cm2, TA = 50°C (Note 1)
0
6
Hz
Re
Irradiance responsivity
2.3
kHz/(
μW/
cm2)
λp
Peak response wavelength
700
nm
Nonlinearity (Note 2)
fO = 0 kHz to 10 kHz
±1%
%F.S.
Step response to full-scale step input
1 pulse of new
frequency plus 1
μs
Time from OE low to output enabled
1 period of output
frequency
NOTES: 1. Measured at wafer probe using 50
°C hot chuck.
2. Nonlinearity is defined as the deviation from a straight line between zero and maximum of stated range, expressed as a percent
of stated range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com