Electronic Components Datasheet Search
  English  ▼

X  

TSL238 Datasheet(PDF) 5 Page - ams AG

Part # TSL238
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL238 Datasheet(HTML) 5 Page - ams AG

  TSL238 Datasheet HTML 1Page - ams AG TSL238 Datasheet HTML 2Page - ams AG TSL238 Datasheet HTML 3Page - ams AG TSL238 Datasheet HTML 4Page - ams AG TSL238 Datasheet HTML 5Page - ams AG TSL238 Datasheet HTML 6Page - ams AG TSL238 Datasheet HTML 7Page - ams AG TSL238 Datasheet HTML 8Page - ams AG TSL238 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TSL238
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS073J − SEPTEMBER 2008
4
r
r
Copyright
E 2008, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
10
100
OUTPUT FREQUENCY
vs
IRRADIANCE
10 0
1 k
Ee − Irradiance − μW/cm2
VDD = 5 V
λp = 524 nm
TA = 25°C
1000
Figure 1
Figure 2
300
400
500
600
700
1000
800
900
1100
λ − Wavelength − nm
PHOTODIODE SPECTRAL RESPONSIVITY
0
0.2
0.4
0.6
0.8
1
Figure 3
SUPPLY CURRENT
vs.
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0
0.4
0.8
1.2
1.6
2.0
−25
0
25
50
75
Figure 4
OUTPUT FREQUENCY
vs.
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
−25
0
25
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com