Electronic Components Datasheet Search
  English  ▼

X  

TSL2550 Datasheet(PDF) 14 Page - ams AG

Part # TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2550 Datasheet(HTML) 14 Page - ams AG

Back Button TSL2550 Datasheet HTML 10Page - ams AG TSL2550 Datasheet HTML 11Page - ams AG TSL2550 Datasheet HTML 12Page - ams AG TSL2550 Datasheet HTML 13Page - ams AG TSL2550 Datasheet HTML 14Page - ams AG TSL2550 Datasheet HTML 15Page - ams AG TSL2550 Datasheet HTML 16Page - ams AG TSL2550 Datasheet HTML 17Page - ams AG TSL2550 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
13
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MECHANICAL DATA
PACKAGE D
Plastic Small-Outline
PIN 1
6
y 1.27
0.510
0.330
8
y
j 2.8 TYP
CLEAR WINDOW
NOTE B
A
1.75
1.35
0.50
0.25
4.00
3.80
6.20
5.80
455
0.88 TYP TOP OF
SENSOR DIE
5.00
4.80
5.3
MAX
1.27
0.41
0.25
0.10
0.25
0.19
DETAIL A
TOP VIEW
END VIEW
SIDE VIEW
PIN 1
BOTTOM VIEW
Pb
NOTES: A. All linear dimensions are in millimeters.
B. The center of the 1234 μm by 282 μm photo-active area is typically located in the center of the package in the long dimension and
269 μm off center in the short dimension.
C. Package is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.55.
D. This drawing is subject to change without notice.
Figure 10. Package D — Plastic Small Outline IC Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com