Electronic Components Datasheet Search
  English  ▼

X  

TSL2550 Datasheet(PDF) 5 Page - ams AG

Part # TSL2550
Description  AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2550 Datasheet(HTML) 5 Page - ams AG

  TSL2550 Datasheet HTML 1Page - ams AG TSL2550 Datasheet HTML 2Page - ams AG TSL2550 Datasheet HTML 3Page - ams AG TSL2550 Datasheet HTML 4Page - ams AG TSL2550 Datasheet HTML 5Page - ams AG TSL2550 Datasheet HTML 6Page - ams AG TSL2550 Datasheet HTML 7Page - ams AG TSL2550 Datasheet HTML 8Page - ams AG TSL2550 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TSL2550
AMBIENT LIGHT SENSOR
WITH SMBus INTERFACE
TAOS029L − OCTOBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
AC Electrical Characteristics, VDD = 3.3 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t(CONV)
Conversion time, per channel, standard mode
400
ms
t(CONV)
Conversion time, per channel, extended mode
80
ms
f(SMBCLK)
Clock frequency
100
kHz
t(BUF)
Bus free time between start and stop condition
4.7
μs
t(HDSTA)
Hold time after (repeated) start condition. After
this period, the first clock is generated.
4
μs
t(SUSTA)
Repeated start condition setup time
4.7
μs
t(SUSTO)
Stop condition setup time
4
μs
t(HDDAT)
Data hold time
300
ns
t(SUDAT)
Data setup time
250
ns
t(LOW)
SMBCLK clock low period
4.7
μs
t(HIGH)
SMBCLK clock high period
4
μs
t(TIMEOUT)
Detect clock/data low timeout
25
35
ms
tF
Clock/data fall time
300
ns
tR
Clock/data rise time
1000
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com