Electronic Components Datasheet Search
  English  ▼

X  

TSL3301 Datasheet(PDF) 8 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 8 Page - ams AG

Back Button TSL3301 Datasheet HTML 4Page - ams AG TSL3301 Datasheet HTML 5Page - ams AG TSL3301 Datasheet HTML 6Page - ams AG TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG TSL3301 Datasheet HTML 10Page - ams AG TSL3301 Datasheet HTML 11Page - ams AG TSL3301 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
7
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
ABORTPixel — Abort Pixel Data Read
Encoding: 0x19: <0001_1001>
ABORTPixel is an optional command that stops a READPixel command during its execution. It also causes pixel
integration to terminate and the device to enter the auto-zero/reset state. Any values that were being held in
the array’s sample/hold circuits are lost.
READHold — Sample and Read Combination
Encoding: 0x12: <0001_0010>
READHold is a macro command that combines both the SAMPLEInt and READPixel commands into a single
command.
READHoldNStart Combination
Encoding: 0x16: <0001_0110>
READHold is a macro command that combines the SAMPLEInt, READPixel, and StartInt commands into a
single command. 22 clock cycles are necessary to complete the pixel reset cycle.
Register Commands
The register commands provide the user the capability of setting gain and offset corrections for each of the three
zones of pixels. a4−a0 refer to the register address as given in Table 2.
REGWrite — Write a Gain/Offset/Mode Register
Encoding (2 bytes): 0x40 <data>: <010a4_a3a2a1a0> <d7d6d5d4_d3d2d1d0>
REGWrite writes a value into either a gain, offset, or mode register. The 5-bit address of the register is encoded
into the lower 5 bits of the command byte (the first byte). A second byte, which contains the data to be written,
follows the command byte.
REGRead — Read a Gain/Offset/Mode Register
Encoding: 0x60: <011a4_a3a2a1a0>
REGRead reads the value previously stored in a gain, offset, or mode register. The 5-bit address of the register
is encoded into the lower 5 bits of the command byte. Following receipt of the REGRead command, the device
places the contents of the selected register onto the SDOUT pin, LSB first.
There is a 4-clock cycle delay from the completion of the REGRead command until the register contents are
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com