Electronic Components Datasheet Search
  English  ▼

X  

TSL3301 Datasheet(PDF) 16 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 16 Page - ams AG

Back Button TSL3301 Datasheet HTML 12Page - ams AG TSL3301 Datasheet HTML 13Page - ams AG TSL3301 Datasheet HTML 14Page - ams AG TSL3301 Datasheet HTML 15Page - ams AG TSL3301 Datasheet HTML 16Page - ams AG TSL3301 Datasheet HTML 17Page - ams AG TSL3301 Datasheet HTML 18Page - ams AG TSL3301 Datasheet HTML 19Page - ams AG TSL3301 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
15
The LUMENOLOGY
r Company
r
r
Copyright
E 2011, TAOS Inc.
www.taosinc.com
PACKAGE INFORMATION
Pb
TOP VIEW
SIDE VIEW
BOTTOM
VIEW
END VIEW
Pin 1
1.0
0.8
2.5
0.95
0.95
0.6
0.6
1.8
7.5
+ 0.08
0.22
0.085
(Note B)
8.573 (Note B)
1.2
+ 0.2
9.4
+ 0.2
Pin 1
3.0
+ 0.2
Photodiode Array
(Not to Scale)
CL of Package
of Photodiode Array Area (Note C)
CL
0.37 Nominal
0.011 Nominal
CL of Pixel 7 (Note C)
Photodiode Array
(Not to Scale)
CL of Solder Contact
NOTES: A. All linear dimensions are in millimeters. Dimension tolerance is
± 0.05 mm unless otherwise noted.
B. Nominal photodiode array dimension. The array is made up of 100 inner pixels and 2 end pixels with pixel #1 closer to
Pin 1. The inner pixel is 77
μm wide by 85 μm high, spaced on 85μm centers. The end pixel is 49μm wide by 132 μm high.
C. The die is centered within the package within a tolerance of
± 0.05 mm.
D. Package top surface is molded with an electrically nonconductive clear plastic compound having an index of refraction of 1.56.
E. Contact finish is soft gold plated.
F. This package contains no lead (Pb).
G. This drawing is subject to change without notice.
Figure 8. Package CL Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com