Electronic Components Datasheet Search
  English  ▼

X  

TSL3301 Datasheet(PDF) 11 Page - ams AG

Part # TSL3301
Description  102X1 LINEAR OPTICAL SENSOR ARRAY WITH ANALOG-TO-DIGITAL CONVERTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL3301 Datasheet(HTML) 11 Page - ams AG

Back Button TSL3301 Datasheet HTML 7Page - ams AG TSL3301 Datasheet HTML 8Page - ams AG TSL3301 Datasheet HTML 9Page - ams AG TSL3301 Datasheet HTML 10Page - ams AG TSL3301 Datasheet HTML 11Page - ams AG TSL3301 Datasheet HTML 12Page - ams AG TSL3301 Datasheet HTML 13Page - ams AG TSL3301 Datasheet HTML 14Page - ams AG TSL3301 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TSL3301CL
102 × 1 LINEAR OPTICAL SENSOR ARRAY
WITH ANALOG-TO-DIGITAL CONVERTER
TAOS141 − JULY 2011
10
r
r
Copyright
E 2011, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Light-to-Digital Transfer Characteristics at VDD = 5 V, TJ = 25°C, λp = 660 nm, tint = 250 μs (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
A-to-D converter resolution
8
Bits
Full scale reference
Gain register = 00000b
3.6
nJ/cm2
Full-scale reference
Gain register = 11111b
1.24
nJ/cm2
Full-scale reference temperature sensitivity
For converter only, does not include
photodiode characteristics
±150
ppm/
°C
Average dark level offset
Gain register = 00000b
Offset register
00000000b
0
7
30
LSB
Average dark-level offset
Gain register = 11111b
Offset register = 00000000b
20
LSB
Dark signal nonuniformity (DSNU)
Gain register = 00000b, see Note 1
5
10
LSB
Dark signal nonuniformity (DSNU)
Gain register = 11111b, see Note 1
14
LSB
Average white level output
Offset register =
Gain register = 00000b
Ee = 11.3
μW/cm2
160
200
240
LSB
Average white level output
Offset register =
00000000b
Gain register = 11111b
Ee = 3.77
μW/cm2
200
LSB
Pixel-response non-uniformity (PRNU)
Ee = 11.3
μW/cm2, See Notes 2 and 3
±8
±10
%
Programmable offset steps
±128
Programmable offset step size
Gain register = 00000b
0.5
LSB
Programmable offset step size
Gain register = 11111b
1.5
LSB
Dark-level change with temperature
0
°C < TJ < 70°C
2
LSB
Differential nonlinearity
±0.5
LSB
Integral nonlinearity
±1
LSB
Dark level noise
Gain register = 00000b
0.5
LSB
Dark level noise
Gain register = 11111b
1.5
LSB
NOTES: 1. DSNU is the difference between the highest value pixel and the lowest value pixel of the device under test when the array is not
illuminated.
2. PRNU does not include DSNU.
3. PRNU is the difference between the highest value pixel and the lowest value pixel of the device under test when the array is uniformly
illuminated at nominal white level (typical average output level = 200).
Timing Requirements over recommended operating range (unless otherwise noted) (Figure 2)
MIN
NOM
MAX
UNIT
fmax
Maximum clock frequency
10
MHz
tw(CLKH)
Clock high pulse duration
30
ns
tw(CLKL)
Clock low pulse duration
30
ns
tsu
Input setup time
20
ns
th
Input hold time
20
ns
Switching Characteristics over recommended operating range (unless otherwise noted) (Figure 3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time, output
C
20 pF
10
ns
tf
Fall time, output
CL = 20 pF
10
ns
td
Delay from clock edge to data-out stable
20
ns
Ci
Input pin capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com