Electronic Components Datasheet Search
  English  ▼

X  

TSL4531 Datasheet(PDF) 2 Page - ams AG

Part # TSL4531
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL4531 Datasheet(HTML) 2 Page - ams AG

  TSL4531 Datasheet HTML 1Page - ams AG TSL4531 Datasheet HTML 2Page - ams AG TSL4531 Datasheet HTML 3Page - ams AG TSL4531 Datasheet HTML 4Page - ams AG TSL4531 Datasheet HTML 5Page - ams AG TSL4531 Datasheet HTML 6Page - ams AG TSL4531 Datasheet HTML 7Page - ams AG TSL4531 Datasheet HTML 8Page - ams AG TSL4531 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112
A − OCTOBER 2012
1
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Features
D Simple Direct Lux Output
D Approximates Human Eye Response in
Diverse Lighting Conditions
D Three User-Selectable Integration Times
(400 ms, 200 ms, and 100 ms)
D Wide Dynamic Range — 3 lux to 220k lux
D Rejects 50 Hz/60 Hz Lighting Ripple
D Low Active Current (110 mA typical) with
Power Down Mode (2.2
mA typical) Enables
Green Products
D 16-bit Digital Output with I2C Compatibility
D Ultra-Small 2 mm y 2 mm ChipLED package
D 2.5-V Supply Voltage with 1.8-V Logic
Interface
Applications
D Outdoor Lighting Control
− Street Lights
− Security Lights
− Traffic Signals
− Commercial Billboards
D Display Backlight Control
− Automotive Instrumentation
− Cell Phones
− Tablets and Notebooks
D Solid-State and General Lighting and
Daylight Harvesting
− Commercial Lighting
− Industrial Lighting
Description
The TSL4531 family of devices provides ambient light sensing (ALS) that approximates human eye response
under a variety of lighting conditions. The devices have three selectable integration times and provide a direct
16-bit lux output via an I2C bus interface. The wide dynamic range of the ALS makes it particularly useful in
outdoor applications where it is exposed to direct sunlight. The device is ideal for use in automatic control of
street lights and security, billboard, and automotive lighting. The TSL4531 devices can also be used in solid state
and general lighting for automatic control and daylight harvesting to maximize energy conservation. Other
applications include display backlight control to extend battery life and optimize visibility in cell phones, tablets,
and notebooks.
Functional Block Diagram
SDA
VDD
SCL
Photodiode
Array
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road
S Suite 300 S Plano, TX 75074 S (972) 673-0759
Package Drawing Not to Scale
PACKAGE CL
ChipLED
(TOP VIEW)
4 SCL
3 SDA
VDD 1
GND 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com