Electronic Components Datasheet Search
  English  ▼

X  

TSL4531 Datasheet(PDF) 4 Page - ams AG

Part # TSL4531
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL4531 Datasheet(HTML) 4 Page - ams AG

  TSL4531 Datasheet HTML 1Page - ams AG TSL4531 Datasheet HTML 2Page - ams AG TSL4531 Datasheet HTML 3Page - ams AG TSL4531 Datasheet HTML 4Page - ams AG TSL4531 Datasheet HTML 5Page - ams AG TSL4531 Datasheet HTML 6Page - ams AG TSL4531 Datasheet HTML 7Page - ams AG TSL4531 Datasheet HTML 8Page - ams AG TSL4531 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112
A − OCTOBER 2012
3
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Operating Characteristics, VDD = 2.5 V, TA = 255C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Supply current
Active (Note 1)
110
130
μA
IDD
Supply current
Power down — no I2C activity
2.2
4
μA
ILEAK Leakage current, SDA and SCL pins
−5
5
μA
V
SCL SDA input high voltage
TSL45311, TSL45315
0.7 VDD
V
VIH
SCL, SDA input high voltage
TSL45313, TSL45317
1.25
V
V
SCL SDA input low voltage
TSL45311, TSL45315
0.3 VDD
V
VIL
SCL, SDA input low voltage
TSL45313, TSL45317
0.54
V
NOTE 1: The average supply current will be slightly lower when PSAVESKIP = 0.
ALS Characteristics, VDD = 2.5 V, TA = 255C, TCNTRL = 1y (Tint = 400 ms) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC count value
0
65535
counts
λp = white LED, CCT = 4000K, EV = 1000 lux
1000
ADC count value
λp = 880 nm + 940 nm, Ee = 345 μW/cm2
(Note 1)
3
counts
ADC count value ratio
Inc std A/Fluorescent F12 (Notes 2 & 4)
80
120
%
Sensor output responsivity
λp = white LED, CCT = 4000K
0.8
1
1.2
count/lux
Dynamic range
Incandescent light source: STD A
(Notes 3 & 4)
3
220k
lux
Temperature coefficient
−15
°C to 0°C
−0.25
0
%/
°C
Temperature coefficient
0
°C to 70°C
−0.20
0
% /
°C
TCNTRL = 10
96
100
104
Integration time
TCNTRL = 01
192
200
208
ms
Integration time
TCNTRL = 00
384
400
416
ms
TCNTRL = 10, PSAVESKIP = 0 (Note 5)
110.4
115
119.6
Total cycle time
TCNTRL = 01, PSAVESKIP = 0 (Note 5)
220.8
230
239.2
ms
Total cycle time
TCNTRL = 00, PSAVESKIP = 0 (Note 5)
441.6
460
478.4
ms
NOTES: 1. Combination of IR LEDs used with peak wavelengths of 880 nm and 940 nm for IR rejection production test.
2. Incandescent STD A light source at 300 lux. Fluorescent F12 light source at 300 lux.
3. 220,000 lux reading possible with TCNTRL set to 4
× MULTIPLIER (Tint = 100 ms).
4. Not tested in production.
5. When PSAVESKIP = 1, total cycle time equals integration time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com