Electronic Components Datasheet Search
  English  ▼

X  

TSL4531 Datasheet(PDF) 3 Page - ams AG

Part # TSL4531
Description  DIGITAL AMBIENT LIGHT SENSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL4531 Datasheet(HTML) 3 Page - ams AG

  TSL4531 Datasheet HTML 1Page - ams AG TSL4531 Datasheet HTML 2Page - ams AG TSL4531 Datasheet HTML 3Page - ams AG TSL4531 Datasheet HTML 4Page - ams AG TSL4531 Datasheet HTML 5Page - ams AG TSL4531 Datasheet HTML 6Page - ams AG TSL4531 Datasheet HTML 7Page - ams AG TSL4531 Datasheet HTML 8Page - ams AG TSL4531 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TSL4531
DIGITAL AMBIENT LIGHT SENSOR
TAOS112
A − OCTOBER 2012
2
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Detailed Description
The device contains a photodiode array, an integrating analog-to-digital converter (ADC), signal processing
circuitry, lux calculation logic, and an I2C serial interface on a single CMOS integrated circuit to provide lux data
with a 16-bit output. No external circuitry is required for signal conditioning. The device features power
management modes where the user can select continuous operation, power save mode in which the device
inserts a power saving state between each acquisition, or single-cycle operation in which the device enters a
power-down state after data acquisition. The device has three user-selectable integration times of 100 ms,
200 ms, or 400 ms, allowing the user to adjust the sensitivity of the device.
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
GND
2
Power supply ground. All voltages are referenced to GND.
SCL
4
I
I2C serial clock input terminal.
SDA
3
I/O
I2C serial data I/O terminal — bidirectional.
VDD
1
Supply voltage.
Available Options
DEVICE
ADDRESS
PACKAGE − LEADS
INTERFACE DESCRIPTION
ORDERING NUMBER
TSL45311
0x39
CL−4
I2C Vbus = VDD Interfac
TSL45311CL
TSL45313
0x39
CL−4
I2C Vbus = 1.8 V Interface
TSL45313CL
TSL45315
0x29
CL−4
I2C Vbus = VDD Interface
TSL45315
TSL4531
0x2
CL−4
I2C Vbus = 1.8 V Interface
TSL45317CL
Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, VDD (Note 1)
4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input terminal voltage
−0.5 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal voltage
−0.5 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output terminal current
−1 mA to 20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ESD tolerance, human body model
2000 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to GND.
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VDD
2.3
2.5
3.3
V
Operating free-air temperature, TA
−15
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com