Electronic Components Datasheet Search
  English  ▼

X  

TSL2591 Datasheet(PDF) 1 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 1 Page - ams AG

  TSL2591 Datasheet HTML 1Page - ams AG TSL2591 Datasheet HTML 2Page - ams AG TSL2591 Datasheet HTML 3Page - ams AG TSL2591 Datasheet HTML 4Page - ams AG TSL2591 Datasheet HTML 5Page - ams AG TSL2591 Datasheet HTML 6Page - ams AG TSL2591 Datasheet HTML 7Page - ams AG TSL2591 Datasheet HTML 8Page - ams AG TSL2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet - Apr. 2013 - ams163.5
TSL2591 – 1
TSL2591
Datasheet - Apr. 2013 - ams163.5
The TSL2591 is a very-high sensitivity light-to-digital converter
that transforms light intensity into a digital signal output
capable of direct I2C interface. The device combines one
broadband photodiode (visible plus infrared) and one
infrared-responding photodiode on a single CMOS integrated
circuit. Two integrating ADCs convert the photodiode currents
into a digital output that represents the irradiance measured on
each channel. This digital output can be input to a
microprocessor where illuminance (ambient light level) in lux is
derived using an empirical formula to approximate the human
eye response. The TSL2591 supports a traditional level style
interrupt that remains asserted until the firmware clears it.
Figure TSL2591 – 1:
Key Benefits and Features
Benefits
Features
Approximates Human Eye Response
Dual Diode
Flexible Operation
Programmable Analog Gain and Integration Time
Suited for Operation Behind Dark Glass
600M:1 Dynamic Range
Low Operating Overhead
• Two Internal Interrupt Sources
• Programmable Upper and Lower Thresholds
• One Interrupt Includes Programmable Persistence Filter
Low Power 3.0
μA Sleep State
User Selectable Sleep Mode
I2C Fast Mode Compatible Interface
• Data Rates up to 400 kbit/s
• Input Voltage Levels Compatible with 3.0V Bus
General Description


Similar Part No. - TSL2591

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL2591 AMSCO-TSL2591 Datasheet
824Kb / 33P
Light-to-Digital Converter
2018-Jun-05
logo
OSRAM GmbH
TSL2591 OSRAM-TSL2591 Datasheet
976Kb / 34P
Light-to-Digital Converter
v3-00 2023-Feb-08
logo
ams AG
TSL25911 AMSCO-TSL25911 Datasheet
711Kb / 25P
Dual Diode
logo
OSRAM GmbH
TSL25911FN OSRAM-TSL25911FN Datasheet
976Kb / 34P
Light-to-Digital Converter
v3-00 2023-Feb-08
logo
ams AG
TSL2591 AMSCO-TSL2591_V01 Datasheet
824Kb / 33P
Light-to-Digital Converter
2018-Jun-05
More results

Similar Description - TSL2591

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237 TAOS-TSL237 Datasheet
161Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com