Electronic Components Datasheet Search
  English  ▼

X  

TSL2591 Datasheet(PDF) 5 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 5 Page - ams AG

  TSL2591 Datasheet HTML 1Page - ams AG TSL2591 Datasheet HTML 2Page - ams AG TSL2591 Datasheet HTML 3Page - ams AG TSL2591 Datasheet HTML 4Page - ams AG TSL2591 Datasheet HTML 5Page - ams AG TSL2591 Datasheet HTML 6Page - ams AG TSL2591 Datasheet HTML 7Page - ams AG TSL2591 Datasheet HTML 8Page - ams AG TSL2591 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Datasheet - Apr. 2013 - ams163.5
TSL2591 – 5
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
Figure TSL2591 – 7:
Recommended Operating Conditions
Figure TSL2591 – 8:
Operating Characteristics, VDD=3V, TA=25ºC (unless otherwise noted)
Symbol
Parameter
Min
Typ
Max
Units
VDD
Supply voltage
2.7
3
3.6
V
TA
Operating free-air temperature
-30
70
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Supply Current
Active
Sleep state - no I2C activity
275
2.3
325
4
μA
VOL
INT, SDA output low
voltage
3mA sink current
6mA sink current
0
0
0.4
0.6
V
ILEAK
Leakage current, SDA,
SCL, INT pins
-5
5
μA
VIH
SCL, SDA input high
voltage
0.7 VDD
V
VIL
SCL, SDA input low
voltage
0.3 VDD
V
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com