Electronic Components Datasheet Search
  English  ▼

X  

TSL2591 Datasheet(PDF) 16 Page - ams AG

Part # TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Datasheet(HTML) 16 Page - ams AG

Back Button TSL2591 Datasheet HTML 12Page - ams AG TSL2591 Datasheet HTML 13Page - ams AG TSL2591 Datasheet HTML 14Page - ams AG TSL2591 Datasheet HTML 15Page - ams AG TSL2591 Datasheet HTML 16Page - ams AG TSL2591 Datasheet HTML 17Page - ams AG TSL2591 Datasheet HTML 18Page - ams AG TSL2591 Datasheet HTML 19Page - ams AG TSL2591 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
TSL2591 – 16
Datasheet - Apr. 2013 - ams163.5
The PID register provides an identification of the devices
package. This register is a read-only register whose value never
changes.
The ID register provides the device identification. This register
is a read-only register whose value never changes.
The Status Register provides the internal status of the device.
This register is read only.
76
543
2
1
0
Reserved
PACKAGEID
Reserved
Field
Bits
Description
Reserved
7:6
Reserved.
PID
5:4
Package Identification = 00
Reserved
3:0
Reserved.
76
543
2
1
0
ID
Field
Bits
Description
ID
7:0
Device Identification = 0x50
76
54
32
1
0
Reserved
NPINTR
AINT
Reserved
AVALID
Field
Bits
Description
Reserved
7:6
Reserved. Write at zero.
NPINTR
5
No-persist Interrupt. Indicates that the device has encountered a
no-persist interrupt condition.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS
interrupt.
Reserved
3:1
Reserved.
AVALID
0
ALS Valid. Indicates that the ADC channels have completed an
integration cycle since the AEN bit was asserted.
PID Register (0x11)
ID Register (I0x12)
Status Register (0x13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com