Electronic Components Datasheet Search
  English  ▼

X  

AT25F1024 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25F1024
Description  SPI Serial Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F1024 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25F1024 Datasheet HTML 1Page - ATMEL Corporation AT25F1024 Datasheet HTML 2Page - ATMEL Corporation AT25F1024 Datasheet HTML 3Page - ATMEL Corporation AT25F1024 Datasheet HTML 4Page - ATMEL Corporation AT25F1024 Datasheet HTML 5Page - ATMEL Corporation AT25F1024 Datasheet HTML 6Page - ATMEL Corporation AT25F1024 Datasheet HTML 7Page - ATMEL Corporation AT25F1024 Datasheet HTML 8Page - ATMEL Corporation AT25F1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• 20 MHz Clock Rate
• Byte Mode and 256-byte Page Mode for Program Operations
• Sector Architecture:
– Two Sectors with 32K Bytes Each (512K)
– Four Sectors with 32K Bytes Each (1M)
– 128 Pages per Sector
• Product Identification Mode
• Low-voltage Operation
– 2.7 (V
CC = 2.7V to 3.6V)
• Sector Write Protection
• Write Protect (WP) Pin and Write Disable Instructions for
both Hardware and Software Data Protection
• Self-timed Program Cycle (60 µs/Byte Typical)
• Self-timed Sector Erase Cycle (1 second/Sector Typical)
• Single Cycle Reprogramming (Erase and Program) for Status Register
• High Reliability
– Endurance: 10,000 Write Cycles Typical
• 8-lead JEDEC SOIC
Description
The AT25F512/1024 provides 524,288/1,048,576 bits of serial reprogrammable Flash
memory organized as 65,536/131,072 words of 8 bits each. The device is optimized
for use in many industrial and commercial applications where low-power and low-volt-
age operation are essential. The AT25F512/1024 is available in a space-saving 8-lead
JEDEC SOIC package.
The AT25F512/1024 is enabled through the Chip Select pin (CS) and accessed via a
3-wire interface consisting of Serial Data Input (SI), Serial Data Output (SO), and
Serial Clock (SCK). All write cycles are completely self-timed.
BLOCK WRITE protection for top 1/4, top 1/2 or the entire memory array (1M) or
entire memory array (512K) is enabled by programming the status register. Separate
write enable and write disable instructions are provided for additional data protection.
Hardware data protection is provided via the WP pin to protect against inadvertent
write attempts to the status register. The HOLD pin may be used to suspend any serial
communication without resetting the serial sequence.
Rev. 1440M–SEEPR–7/03
SPI Serial
Memory
512K (65,536 x 8)
1M (131,072 x 8)
AT25F512
AT25F1024
Pin Configurations
Pin Name
Function
CS
Chip Select
SCK
Serial Data Clock
SI
Serial Data Input
SO
Serial Data Output
GND
Ground
VCC
Power Supply
WP
Write Protect
HOLD
Suspends Serial Input
8-lead SOIC
1
2
3
4
8
7
6
5
CS
SO
WP
GND
VCC
HOLD
SCK
SI


Similar Part No. - AT25F1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F1024 ATMEL-AT25F1024 Datasheet
262Kb / 18P
SPI Serial Memory
AT25F1024A ATMEL-AT25F1024A Datasheet
299Kb / 18P
SPI Serial Memory
AT25F1024A ATMEL-AT25F1024A Datasheet
617Kb / 20P
1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
AT25F1024AN-10SU-2.7 ATMEL-AT25F1024AN-10SU-2.7 Datasheet
299Kb / 18P
SPI Serial Memory
AT25F1024AN-10SU-2.7 ATMEL-AT25F1024AN-10SU-2.7 Datasheet
617Kb / 20P
1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
More results

Similar Description - AT25F1024

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
SPI Serial Memory 2M (262,144 x 8)
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
SPI SERIAL MEMORY 4M
AT25F1024A ATMEL-AT25F1024A Datasheet
299Kb / 18P
SPI Serial Memory
AT25F512 ATMEL-AT25F512_04 Datasheet
262Kb / 18P
SPI Serial Memory
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com