Electronic Components Datasheet Search
  English  ▼

X  

AT25F1024 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25F1024
Description  SPI Serial Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F1024 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25F1024 Datasheet HTML 1Page - ATMEL Corporation AT25F1024 Datasheet HTML 2Page - ATMEL Corporation AT25F1024 Datasheet HTML 3Page - ATMEL Corporation AT25F1024 Datasheet HTML 4Page - ATMEL Corporation AT25F1024 Datasheet HTML 5Page - ATMEL Corporation AT25F1024 Datasheet HTML 6Page - ATMEL Corporation AT25F1024 Datasheet HTML 7Page - ATMEL Corporation AT25F1024 Datasheet HTML 8Page - ATMEL Corporation AT25F1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
AT25F512/1024
1440M–SEEPR–7/03
Serial Interface
Description
MASTER: The device that generates the serial clock.
SLAVE: Because the Serial Clock pin (SCK) is always an input, the AT25F512/1024
always operates as a slave.
TRANSMITTER/RECEIVER: The AT25F512/1024 has separate pins designated for
data transmission (SO) and reception (SI).
MSB: The Most Significant Bit (MSB) is the first bit transmitted and received.
SERIAL OP-CODE: After the device is selected with CS going low, the first byte will be
received. This byte contains the op-code that defines the operations to be performed.
INVALID OP-CODE: If an invalid op-code is received, no data will be shifted into the
AT25F512/1024, and the serial output pin (SO) will remain in a high impedance state
un til the fall ing edge of CS is de tected a gain. T his will reinitiali ze the seri al
communication.
CHIP SELECT: The AT25F512/1024 is selected when the CS pin is low. When the
device is not selected, data will not be accepted via the SI pin, and the serial output pin
(SO) will remain in a high impedance state.
HO L D : T he HOLD pi n i s used i n conj un cti on wit h the CS pi n to s e le ct th e
AT25F512/1024. When the device is selected and a serial sequence is underway,
HOLD can be used to pause the serial communication with the master device without
resetting the serial sequence. To pause, the HOLD pin must be brought low while the
SCK pin is low. To resume serial communication, the HOLD pin is brought high while the
SCK pin is low (SCK may still toggle during HOLD). Inputs to the SI pin will be ignored
while the SO pin is in the high impedance state.
WRITE PROTECT: The 25F512/1024 has a write lockout feature that can be activated
by asserting the write protect pin (WP). When the lockout feature is activated, locked-out
sectors will be READ only. The write protect pin will allow normal read/write operations
when held high. When the WP is brought low and WPEN bit is “1”, all write operations to
the status register are inhibited. WP going low while CS is still low will interrupt a write to
the status register. If the internal status register write cycle has already been initiated,
WP going low will have no effect on any write operation to the status register. The WP
pin function is blocked when the WPEN bit in the status register is “0”. This will allow the
user to install the AT25F512/1024 in a system with the WP pin tied to ground and still be
able to write to the status register. All WP pin functions are enabled when the WPEN bit
is set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com