Electronic Components Datasheet Search
  English  ▼

X  

AT25F1024 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25F1024
Description  SPI Serial Memory
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F1024 Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25F1024 Datasheet HTML 1Page - ATMEL Corporation AT25F1024 Datasheet HTML 2Page - ATMEL Corporation AT25F1024 Datasheet HTML 3Page - ATMEL Corporation AT25F1024 Datasheet HTML 4Page - ATMEL Corporation AT25F1024 Datasheet HTML 5Page - ATMEL Corporation AT25F1024 Datasheet HTML 6Page - ATMEL Corporation AT25F1024 Datasheet HTML 7Page - ATMEL Corporation AT25F1024 Datasheet HTML 8Page - ATMEL Corporation AT25F1024 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
AT25F512/1024
1440M–SEEPR–7/03
Notes:
1. The programming time for n bytes will be equal to n x tBPC.
2. This parameter is characterized at 3.0V, 25
°C and is not 100% tested.
3. One write cycle consists of erasing a sector, followed by programming the same sector.
AC Characteristics
Applicable over recommended operating range from T
AI = -40°C to +85°C, VCC = +2.7V to +3.6V
C
L = 1 TTL Gate and 30 pF (unless otherwise noted).
Symbol
Parameter
Min
Typ
Max
Units
f
SCK
SCK Clock Frequency
0
20
MHz
t
RI
Input Rise Time
20
ns
tFI
Input Fall Time
20
ns
tWH
SCK High Time
20
ns
tWL
SCK Low Time
20
ns
t
CS
CS High Time
25
ns
t
CSS
CS Setup Time
25
ns
t
CSH
CS Hold Time
25
ns
tSU
Data In Setup Time
5
ns
tH
Data In Hold Time
5
ns
tHD
Hold Setup Time
15
ns
t
CD
Hold Time
15
ns
t
V
Output Valid
20
ns
t
HO
Output Hold Time
0
ns
tLZ
Hold to Output Low Z
200
ns
tHZ
Hold to Output High Z
200
ns
tDIS
Output Disable Time
100
ns
tEC
Erase Cycle Time per Sector
1.1
s
t
BPC
Byte Program Cycle Time
(1)
60
100
µs
Endurance
(2)
10K
Write Cycles
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com