Electronic Components Datasheet Search
  English  ▼

X  

9422CSF504 Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # 9422CSF504
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF504 Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 9422CSF504 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 38Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/34
5
Combination starters
Mag-Gard®
circuit-breaker starters
NEMA 1 general purpose enclosure
NEMA Type
(1) Standard control circuit voltages:
Volts
24
110
120
208
220
50 Hz
–
V02
–
–
V03
60 Hz
V01 (4)(5) –
V02 (4)
V08
–
Volts
240
380
440
480
600
50 Hz
–
V05
V06
–
–
60 Hz
V03
–
–
V06
V07
For 24 V and 120 V coils add the letter “ S” for separate control.Example: 8539SCG41V02H10S.
Type
3-pole circuit breaker starter s,
non-reversing
Characteristics
NEMA Standard power ratings
Circuit-breaker
Basic catalog number complete with code indicating
size
of 3-phase motors 50/60 Hz
control circuit voltage (1), optional Forms (2)
and “H” code (3)
Motor voltage (star ter voltage)
200 V (208 V) 230 V (240 V) 460 V (480 V) 575 V (600 V)
Hp kW
Hp kW
Hp kW
Hp kW
0
0.3 0.2
0.3 0.2
1
0.75
1
0.75
GJL 36003 MO1
8539SBG41
ppp
ppp
ppp
ppp
ppp
1
0.75
1
0.75
3
2.2
3
2.2
GJL 36007 MO2
8539SBG42
ppp
ppp
ppp
ppp
ppp
3
2.2
3
2.2
5
3.7
5
3.7
GJL 36015 MO3
8539SBG43
ppp
ppp
ppp
ppp
ppp
1
0.3 0.2
0.3 0.2
1
0.75
1
0.75
GJL 36003 MO1
8539SCG41
ppp
ppp
ppp
ppp
ppp
1
0.75
1
0.75
3
2.2
3
2.2
GJL 36007 MO2
8539SCG42
ppp
ppp
ppp
ppp
ppp
3
2.2
3
2.2
7.5 5.5
10
7.5
GJL 36015 MO3
8539SCG43
ppp
ppp
ppp
ppp
ppp
5
3.7
7.5 5.5
10 7.5
–
–
GJL 36030 MO4
8539SCG44
ppp
ppp
ppp
ppp
ppp
7.5 5.5
–
–
–
–
–
–
GJL 36050 MO5
8539SCG45
ppp
ppp
ppp
ppp
ppp
2
3
2.2
3
2.2
7.5 5.5
10
7.5
GJL 36015 MO3
8539SDG41
ppp
ppp
ppp
ppp
ppp
5
3.7
7.5 5.5
15 11
20
15
GJL 36030 MO4
8539SDG42
ppp
ppp
ppp
ppp
ppp
10 7.5
10
7.5
25 18.5
25
18.5
GJL 36050 MO5
8539SDG43
ppp
ppp
ppp
ppp
ppp
–
–
15
11
–
–
–
–
GJL 36075 MO6
8539SDG44
ppp
ppp
ppp
ppp
ppp
3
–
–
–
–
25 18.5
30
22
GJL 36050 MO5
8539SEG41
ppp
ppp
ppp
ppp
ppp
25 18.5
30
22
30 22
50
37
FAL 36100 18M
8539SEG42
ppp
ppp
ppp
ppp
ppp
4
30 22
–
–
75 55
100 75
KAL 36250 25M
8539SFG42
ppp
ppp
ppp
ppp
ppp
–
–
40
30
–
–
–
–
KAL 36250 26M
8539SFG43
ppp
ppp
ppp
ppp
ppp
–
–
50
37
100 75
–
–
KAL 36250 29M
8539SFG44
ppp
ppp
ppp
ppp
ppp
5
–
–
–
–
–
–
125 90
KAL 36250 29M
8539SGG41
ppp
ppp
ppp
ppp
ppp
50 37
–
–
–
–
150 110
KAL 36250 30M
8539SGG42
ppp
ppp
ppp
ppp
ppp
–
–
60
45
125 90
–
–
KAL 36250 31M
8539SGG43
ppp
ppp
ppp
ppp
ppp
60 45
75
55
150 110
200 150
LAL 36400 32M
8539SGG44
ppp
ppp
ppp
ppp
ppp
75 55
–
–
–
–
–
–
LAL 36400 33M
8539SGG45
ppp
ppp
ppp
ppp
ppp
–
–
100 75
200 150
–
–
LAL 36400 35M
8539SGG46
ppp
ppp
ppp
ppp
ppp
6
–
–
–
–
–
–
250 185
LAL 36400 35M
8539SHG42
ppp
ppp
ppp
ppp
ppp
100 75
–
–
250 185
300 220
LAL 36400 36M
8539SHG43
ppp
ppp
ppp
ppp
ppp
125 90
150 110
300 220
400 300
MAL 36600 40M
8539SHG44
ppp
ppp
ppp
ppp
ppp
150 110
–
–
350 250
–
–
MAL 36600 42M
8539SHG45
ppp
ppp
ppp
ppp
ppp
–
–
200 150
400 300
–
–
MAL 36600 44M
8539SHG46
ppp
ppp
ppp
ppp
ppp
7
–
–
–
–
–
–
500 370
MAL 36800 44M
8539SJG41
ppp
ppp
ppp
ppp
ppp
–
–
250 185
500 370
600 450
MAL 36800 45M
8539SJG42
ppp
ppp
ppp
ppp
ppp
–
–
300 220
600 450
–
–
MAL 361000 47M
8539SJG43
ppp
ppp
ppp
ppp
ppp
(2) For optional For ms, please consult your nearest Schneider Electric/Square D sales office.
(3) Add the letter “H” for Motor Logic
® solid state overload relays, see page 1-30.
Motor Logic® PLUS solid state overload relays are not available on combination star ters.
(4) For this voltage code, add the letter “S” (separate contol).
(5) 24 V coil not a vailable for siz es 4 to 6. Availab le for sizes 0 to 3, specify letter “S” (separate contol).
For additional information, reference catalog 8538CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com