Electronic Components Datasheet Search
  English  ▼

X  

9422CSF504 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # 9422CSF504
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF504 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 9422CSF504 Datasheet HTML 42Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 43Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 44Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 45Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 46Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 47Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 48Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 49Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 50Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
For other versions, please consult with your localSchneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/48
5
Disconnect switches
Variable depth and cable operated
NEMA Type
Disconnect switches
Switch for use
Variable
Fuse clip rating
with cable operators
depth
Maximum horsepower ratings (1)
DC
(amperes) non-
Switch and operating
ONLY—
Switch and operating mechanism
mtg.
AC systems volts
Using
interchang eable type
mechanism only—
does not inc lude
and handle mechanism—overpac ked
Disconnect
range
(Motor volts)
2 poles
For Class H, J, K
does not include
handle mechanism
Includes Type A1
Includes Type A2
switch
min.–max.
208
240
480
600
250 V
Fuse
or R fuses only
handle mechanism
or cab le operator
handle mechanism
handle mechanism
size
(inches)
(200)
(230)
(460)
(575)
max.
type
250 V
600 V
Type
Type
Type
Type
30 A
6-5/8"–18"
7.5
7.5
15
20
5
None
—
—
9421TCN30
9421TCN30C
9421ATCN301
9421ATCN302
H, K, J, R
30
—
9421TCF30
9421TCF30C
9421ATCF301
9421ATCF302
60
30
9421TCF33
9421TCF33C
9421ATCF331
9421ATCF332
60 A
6-5/8"–18"
15
15
30
50
10
None
—
—
9421TDN60
9421TDN60C
9421ATDN601
9421ATDN602
H, K, J, R
60
30
9421TDF60
9421TDF60C
9421ATDF601
9421ATDF602
—60
9421TDF63
9421TDF63C
9421ATDF631
9421ATDF632
100 A
6-5/8"–18"
25
30
60
75
20
None
—
—
9421TEN10
9421TEN10C
9421ATEN101
9421ATEN102
H, K, J, R
100
100
9421TEF10
9421TEF10C
9421ATEF101
9421ATEF102
200 A
9-1/8-–19-1/4 (2) 40
60
125
150
40
None
—
—
9421TF1
—
9421ATF11
9421ATF21
H, K, J, R
200
200
9421TF2
—
9421ATF12
9421ATF22
—
400
9421TF3 (3)
—
9421ATF13 (3) 9421ATF23 (3)
400 A
11.38
75
125
250
350
50
None
—
—
9421TG1 (6)(7)
—
For handle selection,
Fixed Depth(4) (A5 or A6 Handle)
see table below.
400 A
15.87–19 (5)
75
125
250
350
50
H, K, J, R
400
400
9421TG2 (6)(7)
—
For handle selection,
Adj. Depth (4)
(A7 or A8 Handle)
see table below.
(1) Refers to r ating of switch only.
(2) 9422 R2 will extend maximum mounting depth 7"
(3) Accommodates Class J fuses only.
(4) Switches are either fixed-depth or adjustable; the handle will determine installation.
(5) In steps of 0.63 inches.
(6) Commercially available enclosures may not accept type TG operating mechanisms. Contact enclosure man ufacturer for availability of enclosures for use with these
switches.
(7) Right hand flange mounting only.
Cable operator and handles
Cable Mechanisms (8)
Cable Mechanisms with A1 Handle
for Types 1, 3, 3R, 4 and 12
Disconnect
Switch Types
Cable
Catalog number
Catalog number
Switch Size
Length
30 A, 60 A, 100 A
TCF, TCN, TDF, TDN, TEF, TEN
36"
9421CFT30
9421CFT31
48"
9421CFT40
–
60"
9421CFT50
9421CFT51
120"
9421CFT10
9421CFT11
(8) Must purchase handle mechanism separately (9422, A1, A2, A3 or A4).
Handle NEMA Type Enclosure
1, 3, 3R, 4 (sheet steel), 12
4, 4X (stainless steel) (10)
Type of Handle
Catalog number
Catalog number
6" HANDLE (9)
9421A1
9421A2
4" HANDLE (9)
9421A3
9421A4
12" HANDLE (fixed depth) (11)
9421A5
9421A6
12" HANDLE (variable depth) (11)
9421A7
9421A8
10" HANDLE (12)
9421A9
9421A10
(9) For use with 30–200 Ampere switches and all circuit breaker mechanisms.
(10) All exter nal metal parts are either stainless steel or a chrome-plated non-ferrous die casting.
(11) For use with 400 Ampere Type TG1 and TG2 disconnect switches ONLY.
(12) For use with Type D2 remote or dual adaptor kit.
For additional information, reference catalog 9420CT9701.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com