Electronic Components Datasheet Search
  English  ▼

X  

9422CSF504 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 9422CSF504
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF504 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  9422CSF504 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 3Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 4Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 5Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 6Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 7Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9422CSF504 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/3
5
Auxiliary contact blocks
■
■
■
■
■ instantaneous, screw clamp connections
■
■
■
■
■ for LC1, LP1K, LP4
■
■
■
■
■ for LC1, LP1K
Composition
2 N.O.
-
2 N.C.
1 N.O. 1 N.C.
4 N.O.
3 N.O. 1 N.C.
2 N.C. 2 N.C.
1 N.O. 3 N.C.
-
4 N.C.
Catalog number
LA1KN20
LA1KN02
LA1KN11
LA1KN40
LA1KN31
LA1KN22
LA1KN13
LA1KN04
■
■
■
■
■ electronic time delay
Relay outputs, with common point changeover contact, AC or DC 24–48, 2 A maximum
Control voltage 0.85–1.1Uc
Maximum switching capacity 250 VA or 150 W
Operating temperature -10 to + 60°C
Reset time: 1.5 s for 0.5 s after the time delay period
Type
On-delay
Timing range
1–30 s
Composition
1
Voltage
AC or DC 24–48 V
AC 110–240
Reference
LA2KT2E
LA2KT2U
Suppressor modules
For LC1, LP1K
Type
Varistor (AC and DC)
Diode (DC) + zener
RC (AC)
Voltage
12–24 V
32–48 V
50–129 V
130–250 V
12–24 V
32–48 V
110–250 V
Catalog number
LA4KE1B
LA4KE1E
LA4KE1FC
LA4KE1UG
LA4KC1B
LA4KC1E
LA4KA1U
Te
Sys
K-line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com