Electronic Components Datasheet Search
  English  ▼

X  

9422CSF104 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # 9422CSF104
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF104 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button 9422CSF104 Datasheet HTML 25Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 26Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 27Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 28Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 29Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 30Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
For other versions, please consult with your localSchneider Electric agency/
Square D sales office: visit www.us.telemanique.com.
5/28
5
IEC type
industrial
control relays
Te
Sys Type CAD
AC 50/60 Hz coil
Volts
12
24
48
120
208
240
277
480
600
Code
J7
B7
E7
G7
LE7
U7
W7
T7
X7
DC coil (coils have built in suppression as standard)
Volts
12
24
36
48
60
72
110
125
220
250
440
Code
JD
BD
CD
ED
ND
SD
FD
GD
MD
UD
RD
DC low consumption coil (coils have built in suppression as standard)
Volts
5
12
244872
Code
AL
JL
BL
EL
SL
For additional options and information, reference catalog 8501CT0101.
Instantaneous control relays
Terminal Type
Number of Contacts
Contact Configuration
Catalog n umber (1)
N.O.
N.C.
50
CAD50••
screw clamp
5
32
CAD32••
50
CAD503••
spring terminal
5
32
CAD323••
50
CAD506••
ring tongue
5
32
CAD326••
(1) Complete the catalog number by adding the proper voltage code from the table below. Example:CAD50G7.
CAD32••
CAD503••
CAD326••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com