Electronic Components Datasheet Search
  English  ▼

X  

9422CSF104 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 9422CSF104
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF104 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 9422CSF104 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 16Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
For other versions, please consult with your localSchneider Electric /
Square D sales office: visit www.us.telemanique.com.
5/12
5
Add-on blocks
Contact blocks
Instantaneous auxiliary contacts (1 per breaker)
Normal early break type contacts
N.C. + N.O.
N.O. + N.O.
N.C.+N.O.+N.O.
N.O.+N.O.+N.O.
N.O. + N.O. (1)
N.C. + N.O. (1)
GV3A01
GV3A02
GV3A03
GV3A05
GV3A06
GV3A07
Fault signalling contact
Normal early break type contacts
N.C.
N.O.
GV3A08
GV3A09
Electric trips
Voltage
50 Hz
110, 120, 127 V
220, 240 V
380, 415 V
60 Hz
120, 127 V
277 V
440, 480 V
Undervoltage trip
GV3B11
GV3B22
GV3B38
Shunt trip
GV3D11
GV3D22
GV3D38
Padlocking device
Start button (for bare device)
GV1V02
(1) + 2 volt free terminals
Te
Sys
Type GV3ME
Manual motor starters
0.5–60 Hp
Manual motor starters GV3ME for connection by screw clamp terminals
Pushbutton control
Horsepower ratings of 3-phase motors 50/60 Hz
Setting range of thermal trips
Catalog Number
200 V
230 V
460 V
575 V
A
-
-
0.75
1
1–1.6
GV3ME06
0.5
0.5
1
1.5
1.6–2.5
GV3ME07
0.75
1
2
3
2.5–4
GV3ME08
1.5
1.5
3
-
4–6
GV3ME10
2
3
5
7.5
6–10
GV3ME14
3
5
10
10
10–16
GV3ME20
5
7.5
15
20
16–25
GV3ME25
10
10
30
30
25–40
GV3ME40
20
20
40
60
40–63
GV3ME63
20
25
50
60
56–80
GV3ME80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com