Electronic Components Datasheet Search
  English  ▼

X  

9422CSF104 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # 9422CSF104
Description  Accurate and reliable control of motors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

9422CSF104 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button 9422CSF104 Datasheet HTML 30Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 31Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 32Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 33Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 34Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 35Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 36Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 37Page - List of Unclassifed Manufacturers 9422CSF104 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
For other versions, please consult with your local Schneider Electric/
Square D sales office: visit www.us.telemanique.com.
5/33
5
Solid state overload Relays
Form adders
Motor Logic®
solid state relays
For use
Current
Description
Suffix to be added
with
rang e
to the starter catalog number(9)
8538S
pppppG 1ppppp /Sppppp A 1ppppp /S pppppA 2ppppp
(8)
Base unit, Trip Class 10
H10
(except 8538 SDG16/SDA16/SDA26)
(8)
Base unit, Trip Class 20
H20
(8)
Feature unit
H30
8538SBG12/13,
3–9 A
Base unit, Trip Class 10
H109
8538SBA12/22/13/23,
3–9 A
Base unit, Trip Class 20
H209
8538SCG12/14,
1.5–4.5 A
Feature unit
H308
8538SCA12/22/14/24,
3–9 A
Feature unit
H309
8538SDG16,
8538SDA16/26
8538SCG12/14
6–18 A
Base unit, Trip Class 10
H100
8538SCA12/22/14/24,
6–18 A
Base unit, Trip Class 20
H200
8538SDG16
6–18 A
Feature unit
H300
8538SDA16/26
8538SDG16,
9–27 A
Base unit, Trip Class 10
H101
8538SDA16/26
9–27 A
Base unit, Trip Class 20
H201
9–27 A
Feature unit
H301
(8) Standard current ranges dependent on star ter size:
Size
00
01
234
5
6
7
Current
r anges A
3–9
6–18
9–27
15–45
30–90
45–135
90–270
180–540 (10)
270–810 (11)
(9) Example: 8538SBG12V01H10 .
(10) Only available with feature units.
(11) Only available with feature units with auxiliar y contact.
For additional information, reference catalog 9065CT9701.
NEMA Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com