Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 15 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 15 Page - EPCOS

Back Button BCP54 Datasheet HTML 11Page - EPCOS BCP54 Datasheet HTML 12Page - EPCOS BCP54 Datasheet HTML 13Page - EPCOS BCP54 Datasheet HTML 14Page - EPCOS BCP54 Datasheet HTML 15Page - EPCOS BCP54 Datasheet HTML 16Page - EPCOS BCP54 Datasheet HTML 17Page - EPCOS BCP54 Datasheet HTML 18Page - EPCOS BCP54 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
23
04/00
7.8
Stray inductance
LS
The stray inductance
LS (also termed leakage inductance) is the inductance measured through
both coils when a current-compensated choke is short-circuited at one end. This affects symmetri-
cal interference.
Fig. 11
Stray inductance
7.9
Inductance decrease
∆L/L
0
The inductance decrease
∆L/L
0 is the drop in inductance at a given current relative to the initial
inductance
L0 measured at zero current. The data sheets specify this as a percentage. This de-
crease is caused by the magnetization of the core material, which is a function of the field strength,
as induced by the operating current. Generally the decrease is less than 10 % .
7.10
DC resistance
Rtyp, Rmin, Rmax
The dc resistance is the resistance of a line as measured using direct current at a temperature of
20
°C, whereby the measuring current must be kept well below the rated current.
Rtyp
typical value
Rmin
minimum value
Rmax
maximum value
7.11
Winding capacitance, parasitic capacitance
CP
Parasitic capacitances (
CP), which impair the RF characteristics of the components, are related to
the component geometry. These capacitances may affect the two lines mutually (symmetrically) as
well as the line-to-ground circuit (asymmetrically). The design of all EMC components supplied by
EPCOS minimizes the parasitic effects. Due to this, these components have excellent interference
suppression characteristics right up to high frequencies.
7.12
Quality factor
Q
The quality factor
Q is the quotient of the imaginary component of the impedance divided by the real
component.
7.13
Measuring frequencies
fQ, fL
fQ is the frequency for which the quality factor Q of a choke is specified.
fL is the frequency at which the inductance of a choke is determined.
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com