Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 17 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 17 Page - EPCOS

Back Button BCP54 Datasheet HTML 13Page - EPCOS BCP54 Datasheet HTML 14Page - EPCOS BCP54 Datasheet HTML 15Page - EPCOS BCP54 Datasheet HTML 16Page - EPCOS BCP54 Datasheet HTML 17Page - EPCOS BCP54 Datasheet HTML 18Page - EPCOS BCP54 Datasheet HTML 19Page - EPCOS BCP54 Datasheet HTML 20Page - EPCOS BCP54 Datasheet HTML 21Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
25
04/00
8
Mechanical properties
8.1
Potting (economy potting, complete potting)
We distinguish between economy potting and complete potting.
Economy potting is used to fix the the core and windings in the case and the windings on the core.
This is an economical technique which enables a single resin casting procedure to be used. Be-
cause of this, most chokes supplied by EPCOS are produced using this method.
Complete potting is only required when the thermal conductitvity of economy potting is not adequate
or if the customer has special demands. Complete potting requires several process steps to ensure
complete embedding of the core and the windings.
8.2
Types of winding
EPCOS uses different types of winding to suit the respective technical requirements:
– single-layer winding
– multilayer winding
– random winding
The different types of winding lead to different inductance characteristics, especially at high fre-
quencies.
Single-layer winding:
The winding pitch is equal to or greater than the wire diameter. The coil is wound in one direction
only. The only capacitances (parasitic capacitances) are those between one turn to the next. In
comparison to all other types of winding, this type of winding leads to the lowest possible capaci-
tances and thus the highest resonance frequencies.
Economy potting
Complete potting
2
3
4
5 6
7
8
9 10 11 12 13 14 15 16 17 18
1
19
2
3
4
5 6
7
8
9 10 11 12 13 14 15 16 17 18
1
19
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com