Electronic Components Datasheet Search
  English  ▼

X  

BCP54 Datasheet(PDF) 18 Page - EPCOS

Part # BCP54
Description  45 V, 1 A NPN medium power transistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BCP54 Datasheet(HTML) 18 Page - EPCOS

Back Button BCP54 Datasheet HTML 14Page - EPCOS BCP54 Datasheet HTML 15Page - EPCOS BCP54 Datasheet HTML 16Page - EPCOS BCP54 Datasheet HTML 17Page - EPCOS BCP54 Datasheet HTML 18Page - EPCOS BCP54 Datasheet HTML 19Page - EPCOS BCP54 Datasheet HTML 20Page - EPCOS BCP54 Datasheet HTML 21Page - EPCOS BCP54 Datasheet HTML 22Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
26
04/00
Multilayer winding:
The winding pitch is equal to the wire diameter. The coil is wound with several layers. This leads to
parasitic capacitances between the layers in addition to the turn-to-turn capacitances. In compari-
son to all other types of winding, this type leads to the highest capacitances and thus the lowest
resonance frequencies.
Random winding:
The winding pitch is smaller than the wire diameter. The coil is wound in one direction only. This
method of winding a coil does not permit the final position of a turn to be predetermined exactly. The
cross section of this type of winding clearly shows a disorderly, “random” arrangement of the turns.
This leads to the parasitic capacitances being only minimally greater than those achieved by single-
layer winding, and the resonance frequencies are equal to those achieved by single-layer winding.
2 3 4 5 6 7 8 9 10
19 18 17 16 15 14 13 12
1
11
2 3 4 5 6 7 8 9 10
19 18 17 16 15 14 13 12
1
11
2 3 5 6 8 10 11 13 14
4
7 9
12
1
2 3 5 6 8 10 11 13 14
4
7 9
14
12
16
1
18
15 17 19
15 17 19
16 18
General Technical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com