Electronic Components Datasheet Search
  English  ▼

X  

PCF2116 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 37Page - NXP Semiconductors PCF2116 Datasheet HTML 38Page - NXP Semiconductors PCF2116 Datasheet HTML 39Page - NXP Semiconductors PCF2116 Datasheet HTML 40Page - NXP Semiconductors PCF2116 Datasheet HTML 41Page - NXP Semiconductors PCF2116 Datasheet HTML 42Page - NXP Semiconductors PCF2116 Datasheet HTML 43Page - NXP Semiconductors PCF2116 Datasheet HTML 44Page - NXP Semiconductors PCF2116 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
1997 Apr 07
41
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
Fig.34 Application using I2C-bus interface.
handbook, full pagewidth
VLCD
VDD
VO
VSS
PCF2116
VSS
VDD
100 nF
2 x 24 CHARACTER
LCD DISPLAY
(SPLIT SCREEN)
16
C1 to C60
60
60
16
OSC
100
nF
100
k
Ω
100
k
Ω
MGA817 - 1
VLCD
VDD
VO
VSS
PCF2114
VSS
VDD
100 nF
2 x 12 CHARACTER
LCD DISPLAY
16
C1 to C60
60
OSC
100
nF
R1 to R16
R17 to R24
R1 to R16
SA0
SA0
VSS
VDD
VDD VDD
SCL SDA
MASTER TRANSMITTER
PCF84C81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com