Electronic Components Datasheet Search
  English  ▼

X  

PCF2116 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 38Page - NXP Semiconductors PCF2116 Datasheet HTML 39Page - NXP Semiconductors PCF2116 Datasheet HTML 40Page - NXP Semiconductors PCF2116 Datasheet HTML 41Page - NXP Semiconductors PCF2116 Datasheet HTML 42Page - NXP Semiconductors PCF2116 Datasheet HTML 43Page - NXP Semiconductors PCF2116 Datasheet HTML 44Page - NXP Semiconductors PCF2116 Datasheet HTML 45Page - NXP Semiconductors PCF2116 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
1997 Apr 07
42
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
18.1
8-bit operation, 1-line display using internal
reset
Table 6 shows an example of a 1-line display in 8-bit
operation. The PCF2116 functions must be set by the
‘Function set’ instruction prior to display. Since the display
data RAM can store data for 80 characters, the RAM can
be used for advertising displays when combined with
display shift operation. Since the display shift operation
changes display position only and DDRAM contents
remain unchanged, display data entered first can be
displayed when the Return Home operation is performed.
18.2
4-bit operation, 1-line display using internal
reset
The program must set functions prior to 4-bit operation.
Table 5 shows an example. When power is turned on, 8-bit
operation is automatically selected and the PCF2116
attempts to perform the first write as an 8-bit operation.
Since nothing is connected to DB0 to DB3, a rewrite is
then required. However, since one operation is completed
in two accesses of 4-bit operation, a rewrite is required to
set the functions (see Table 5 step 3).
Thus, DB4 to DB7 of the function set are written twice.
18.3
8-bit operation, 2-line display
For a 2-line display, the cursor automatically moves from
the first to the second line after the 40th digit of the first line
has been written. Thus, if there are only 8 characters in the
first line, the DDRAM address must be set after the eighth
character is completed (see Table 7). Note that both lines
of the display are always shifted together; data does not
shift from one line to the other.
18.4
I2C operation, 1-line display
A control byte is required with most instructions
(see Table 8).
18.5
Initializing by instruction
If the power supply conditions for correctly operating the
internal reset circuit are not met, the PCF2116 must be
initialized by instruction. Tables 9 and 10 show how this
may be performed for 8-bit and 4-bit operation.
Table 5
4-bit operation, 1-line display example; using internal reset
STEP
INSTRUCTION
DISPLAY
OPERATION
1
power supply on (PCF2116 is initialized by
the internal reset circuit)
Initialized. No display appears.
2
function set
RS
R/W
DB7
DB6
DB5
DB4
Sets to 4-bit operation. In this instance operation
is handled as 8-bits by initialization and only this
instruction completes with one write.
000010
3
function set
000010
Sets to 4-bit operation, selects 1-line display and
VLCD =V0. 4-bit operation starts from this point
and resetting is needed.
000000
4
display on/off control
000000
_
Turns on display and cursor. Entire display is
blank after initialization.
001110
5
entry mode set
000000
_
Sets mode to increment the address by 1 and to
shift the cursor to the right at the time of write to
the DD/CGRAM. Display is not shifted.
000110
6
write data to CGRAM/DDRAM
100101
P_
Writes ‘P’. The DDRAM has already been
selected by initialization at power-on. The cursor
is incremented by 1 and shifted to the right.
100000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com