Electronic Components Datasheet Search
  English  ▼

X  

PCF2116 Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF2116
Description  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116 Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF2116 Datasheet HTML 46Page - NXP Semiconductors PCF2116 Datasheet HTML 47Page - NXP Semiconductors PCF2116 Datasheet HTML 48Page - NXP Semiconductors PCF2116 Datasheet HTML 49Page - NXP Semiconductors PCF2116 Datasheet HTML 50Page - NXP Semiconductors PCF2116 Datasheet HTML 51Page - NXP Semiconductors PCF2116 Datasheet HTML 52Page - NXP Semiconductors PCF2116 Datasheet HTML 53Page - NXP Semiconductors PCF2116 Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
Table 9
Initialization by instruction, 8-bit interface (note 1)
Note
1. X = don’t care.
STEP
DESCRIPTION
power-on or unknown state
|
wait 2 ms after VDD rises above VPOR
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction.
0
0
0
0
1
1
X
X
X
X
Function set (interface is 8-bits long).
|
wait 2 ms
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction.
0
0
0
0
1
1
X
X
X
X
Function set (interface is 8-bits long).
|
wait more than 40
µs
|
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
BF cannot be checked before this instruction.
0
0
0
0
1
1
X
X
X
X
Function set (interface is 8-bits long).
|
|
BF can be checked after the following instructions. When BF is not checked,
the waiting time between instructions is the specified instruction time (see
Table 3).
RS
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Function set (interface is 8-bits long). Specify the number of display lines and
voltage generator characteristic.
000011
N
M
G
0
0
0
0
0
0
0
1
0
0
0
Display off.
0
0
0
0
0
0
0
0
0
1
Clear display.
0
0
0
0
0
0
0
1
I/D
S
Entry mode set.
|
Initialization ends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com