Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990 Datasheet(HTML) 4 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LP3990
SNVS251I – MAY 2004 – REVISED MAY 2013
www.ti.com
Thermal Properties
(1)
Junction To Ambient Thermal Resistance(2)
θJA(WQFN-6)
88°C/W
θJA(DSBGA)
220°C/W
θJA(SOT-23)
220°C/W
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated
test conditions, see the Electrical Characteristics tables.
(2)
Junction to ambient thermal resistance is dependant on the application and board layout. In applications where high maximum power
dissipation is possible, special care must be paid to thermal dissipation issues in board design.
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com