Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments LP3990 Datasheet HTML 10Page - Texas Instruments LP3990 Datasheet HTML 11Page - Texas Instruments LP3990 Datasheet HTML 12Page - Texas Instruments LP3990 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1
0.1
10
100
FREQUENCY (kHz)
0.01
0.1
1
10
VOUT = 1.5V
VOUT = 3.3V
TIME (20 Ps/DIV)
150
1
CIN = 1 PF
COUT = 0.47 PF
LP3990
www.ti.com
SNVS251I – MAY 2004 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, CIN = 1.0µF Ceramic, COUT = 0.47 µF Ceramic, VIN = VOUT(NOM) + 1.0V, TA = 25°C, VOUT(NOM) =
1.5V , Shutdown pin is tied to VIN.
Load Transient
Noise Density
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com