Electronic Components Datasheet Search
  English  ▼

X  

LP3990 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LP3990
Description  LP3990 150mA Linear Voltage Regulator for Digital Applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3990 Datasheet(HTML) 3 Page - Texas Instruments

  LP3990 Datasheet HTML 1Page - Texas Instruments LP3990 Datasheet HTML 2Page - Texas Instruments LP3990 Datasheet HTML 3Page - Texas Instruments LP3990 Datasheet HTML 4Page - Texas Instruments LP3990 Datasheet HTML 5Page - Texas Instruments LP3990 Datasheet HTML 6Page - Texas Instruments LP3990 Datasheet HTML 7Page - Texas Instruments LP3990 Datasheet HTML 8Page - Texas Instruments LP3990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
N/C
4
5
3
2
1
VIN
GND
VEN
VOUT
LP3990
www.ti.com
SNVS251I – MAY 2004 – REVISED MAY 2013
SOT-23 Package
See Package Number DBV
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
Input Voltage
-0.3 to 6.5V
Output Voltage
-0.3 to (VIN + 0.3V) with 6.5V (max)
Enable Input Voltage
-0.3 to (VIN + 0.3V) with 6.5V (max)
Junction Temperature
150°C
Lead/Pad Temp.(4)
WQFN/SOT-23
235°C
DSBGA
260°C
Storage Temperature
-65 to 150°C
Continuous Power Dissipation Internally Limited(5)
ESD(6)
Human Body Model
2KV
Machine Model
200V
(1)
All Voltages are with respect to the potential at the GND pin.
(2)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated
test conditions, see the Electrical Characteristics tables.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
For further information on these packages please refer to the following Application Notes; AN1112 DSBGA Package Wafer Level Chip
Scale Package, AN1187 Leadless Leadframe Package.
(5)
Internal thermal shutdown circuitry protects the device from permanent damage.
(6)
The human body model is 100pF discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF capacitor
discharged directly into each pin.
Operating Ratings
(1)
Input Voltage
2V to 6V
Enable Input Voltage
0 to (VIN + 0.3V) with 6.0V (max)
Junction Temperature
-40°C to 125°C
Ambient Temperature TA Range
(2)
-40°C to 85°C
(1)
Absolute Maximum Ratings are limits beyond which damage can occur. Operating Ratings are conditions under which operation of the
device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated
test conditions, see the Electrical Characteristics tables.
(2)
The maximum ambient temperature (TA(max)) is dependant on the maximum operating junction temperature (TJ(max-op) = 125°C), the
maximum power dissipation of the device in the application (PD(max)), and the junction to ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max) = TJ(max-op) - (θJA × PD(max)).
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com