Electronic Components Datasheet Search
  English  ▼

X  

G3VM3F Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # G3VM3F
Description  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM3F Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button G3VM3F Datasheet HTML 32Page - Omron Electronics LLC G3VM3F Datasheet HTML 33Page - Omron Electronics LLC G3VM3F Datasheet HTML 34Page - Omron Electronics LLC G3VM3F Datasheet HTML 35Page - Omron Electronics LLC G3VM3F Datasheet HTML 36Page - Omron Electronics LLC G3VM3F Datasheet HTML 37Page - Omron Electronics LLC G3VM3F Datasheet HTML 38Page - Omron Electronics LLC G3VM3F Datasheet HTML 39Page - Omron Electronics LLC G3VM3F Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 86 page
background image
58
MOS FET Relays
G3VM Series
G3VM-401EY(TR), -601EY(TR), G3VM-61E(TR)
Maximum Rating
Electrical Characteristics
Parameter
Comments and conditions
G3VM-401EY,
G3VM-401EY(TR)
G3VM-601EY,
G3VM-601EY(TR)
G3VM-61E,
G3VM-61E(TR)
Contact form/no. of terminals
—
1 Form A/6 pins
1 Form A/6 pins
1 Form A/6 pins
Input (LED)
LED forward current
I
F
Typical
50 mA
50 mA
50 mA
I
FP (100 µs pulse,
100 pps)
Max.
1 A1 A1 A
Forward current
derating
Ta
≥ 25°C-0.5 mA/°C
-0.5 mA/
°C
-0.5 mA/
°C
Reverse voltage
V
R
Max.
5 V5 V5 V
Junction temperature (T
J)
125
°C125°C
125
°C
Output (Detector) Output voltage
strength
V
OFF
400 V
600 V
60 V
Continuous load
current
I
O
120 mA (for A)
120 mA (for B)
240 mA (for C)
100 mA (for A)
100 mA (for B)
200 mA (for C)
500 mA (for A)
500 mA (for B)
1000 mA (for C)
ON-state current
derating
Ta
≥ 25°C-1.2 mA/°C (for A)
-1.0 mA/
°C (for A)
-5.0 mA/
°C (for A)
Junction temperature (T
J)
125
°C125°C
125
°C
Dielectric strength
V
I/O for 1 minute min.
5000 VAC
5000 VAC
2500 VAC
Temperature
Ambient
Ta with no icing
-40
° to +85°C-40° to +85°C-40° to +85°C
Storage
Tstg with no icing
-55
° to +125°C-55° to +125°C-55° to +125°C
Parameter
Comments and conditions
G3VM-401EY,
G3VM-401EY(TR)
G3VM-601EY,
G3VM-601EY(TR)
G3VM-61E,
G3VM-61E(TR)
Input
LED forward voltage
(V
F)
I
F=10 mA
Min.
1.0 V
1.0 V
1.0 V
Typical
1.15 V
1.15 V
1.15 V
Max.
1.3 V
1.3 V
1.3 V
Reverse current
I
R
Max.
10
µA10 µA
10
µA
Reverse voltage
V
R
Max.
5 V5 V5 V
Capacitance (C
T)V = 0;
freq. = 1 MHz
Typical
30 pF
30 pF
30 pF
Keep ON LED current
(I
FT)
At I
O
Typical
—
1.6 mA
—
Max.
3 mA
5 mA
3 mA
Output
ON-resistance (R
ON)IF=5 mA
Typical
17
Ω (I
ON=120 mA) for
connection A
22
Ω (I
ON=100 mA) for
connection A
1
Ω (I
ON=500 mA) for
connection A
Max.
35
Ω (I
ON=120 mA) for
connection A
35
Ω (I
ON=100 mA) for
connection A
2
Ω (I
ON=500 mA) for
connection A
Typical
11
Ω (I
ON=120 mA) for
connection B
17
Ω (I
ON=100 mA) for
connection B
0.5
Ω (I
ON=500 mA) for
connection B
Max.
20
Ω (I
ON=120 mA) for
connection B
27
Ω (I
ON=100 mA) for
connection B
1
Ω (I
ON=500 mA) for
connection B
Typical
6
Ω (I
ON=240 mA) for
connection C
8.5
Ω (I
ON=200 mA) for
connection C
0.3
Ω (I
ON=1000 mA)
for connection C
Max.
10
Ω (I
ON=240 mA) for
connection C
13.5
Ω (I
ON=200 mA)
for connection C
—
OFF-state leakage
current (I
LEAK)
At V
OFF
Max.
1.0
µA1.0 µA1.0 µA
Transfer
characteristics
I/O capacitance
(C
I/O)
Typical
0.8 pF
0.8 pF
0.8 pF
I/O resistance
(R
IO)
Min.
1000 M
Ω
1000 M
Ω
1000 M
Ω
Operate time
(t
ON)
Max.
1.0 ms
1.5 ms
1.0 ms
Release time
(t
OFF)
Max.
1.0 ms
1.0 ms
1.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com