Electronic Components Datasheet Search
  English  ▼

X  

G3VM3F Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # G3VM3F
Description  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM3F Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button G3VM3F Datasheet HTML 38Page - Omron Electronics LLC G3VM3F Datasheet HTML 39Page - Omron Electronics LLC G3VM3F Datasheet HTML 40Page - Omron Electronics LLC G3VM3F Datasheet HTML 41Page - Omron Electronics LLC G3VM3F Datasheet HTML 42Page - Omron Electronics LLC G3VM3F Datasheet HTML 43Page - Omron Electronics LLC G3VM3F Datasheet HTML 44Page - Omron Electronics LLC G3VM3F Datasheet HTML 45Page - Omron Electronics LLC G3VM3F Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 86 page
background image
64
MOS FET Relays
G3VM Series
G3VM-61FP(TR), -61FR(TR), -355FR(TR)
Maximum Rating
Electrical Characteristics
Parameter
Comments and conditions
G3VM-61FP,
G3VM-61FP(TR)
G3VM-61FR,
G3VM-61FR(TR)
G3VM-355FR,
G3VM-355FR(TR)
Contact form/no. of terminals
—
1 Form A/8 pins
1 Form A/8 pins
1FormA+1FormB/ 8
pins
Input (LED)
LED forward current
I
F
Typical
50 mA
50 mA
50 mA
I
FP (100 µs pulse,
100 pps)
Max.
1 A1 A1 A
Forward current
derating
Ta
≥ 25°C-0.5 mA/°C
-0.5 mA/
°C
-0.5 mA/
°C
Reverse voltage
V
R
Max.
6 V6 V5 V
Junction temperature (T
J)
125
°C125°C
125
°C
Output (Detector) Output voltage
strength
V
OFF
60 V
60 V
350 V
Continuous load
current
I
O
500 mA
2000 mA
120 mA
ON-state current
derating
Ta
≥ 25°C-5.0 mA/°C
-20 mA/
°C
-1.2 mA/
°C
Junction temperature (T
J)
125
°C125°C
125
°C
Dielectric strength
V
I/O for 1 minute min.
2500 VAC
1500 VAC
2500 VAC
Temperature
Ambient
Ta with no icing
-40
° to +85°C-20° to +85°C-40° to +85°C
Storage
Tstg with no icing
-55
° to +125°C-55° to +125°C-55° to +125°C
Parameter
Comments and conditions
G3VM-61FP,
G3VM-61FP(TR)
G3VM-61FR,
G3VM-61FR(TR)
G3VM-355FR,
G3VM-355FR(TR)
Input
LED forward voltage
(V
F)
I
F=10 mA
Min.
1.0 V
1.0 V
1.0 V
Typical
1.2 V
1.2 V
1.15 V
Max.
1.4 V
1.4 V
1.3 V
Reverse current
I
R
Max.
10
µA10 µA
10
µA
Reverse voltage
V
R
Max.
6 V6 V5 V
Capacitance (C
T)V = 0;
freq. = 1 MHz
Typical
15 pF
15 pF
30 pF
Keep ON LED current
(I
FT)
At I
O
Typical
—
—
1 mA
Max.
5 mA
5 mA
3 mA
Output
ON-resistance (R
ON)IF=5 mA (1a)
Typical
0.3
Ω (I
ON=500 mA)
—
15
Ω (I
ON=120 mA)
Max.
0.6
Ω (I
ON=500 mA)
0.12
Ω (I
ON=1000 mA)
25
Ω (I
ON=120 mA)
I
F=0 mA (1b)
Typical
—
—
15
Ω (I
ON=120 mA)
Max.
—
—
25
Ω (I
ON=120 mA)
OFF-state leakage
current (I
LEAK)
At V
OFF
Max.
1.0
µA4.0 µA1.0 µA
Capacitance
C
OFF
Typical
200 pF
—
—
Max.
500 pF
—
—
Transfer
characteristics
I/O capacitance
(C
I/O)
Typical
0.8 pF
0.8 pF
0.8 pF
I/O resistance
(R
IO)
Min.
1000 M
Ω
1000 M
Ω
1000 M
Ω
Operate time
(t
ON)
Max.
2.0 ms
5.0 ms
1.0 ms
Release time
(t
OFF)
Max.
0.5 ms
3.5 ms
3.0 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com