Electronic Components Datasheet Search
  English  ▼

X  

G3VM3F Datasheet(PDF) 63 Page - Omron Electronics LLC

Part # G3VM3F
Description  Wide Range of Contact Forms, Sizes and Package Types
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM3F Datasheet(HTML) 63 Page - Omron Electronics LLC

Back Button G3VM3F Datasheet HTML 59Page - Omron Electronics LLC G3VM3F Datasheet HTML 60Page - Omron Electronics LLC G3VM3F Datasheet HTML 61Page - Omron Electronics LLC G3VM3F Datasheet HTML 62Page - Omron Electronics LLC G3VM3F Datasheet HTML 63Page - Omron Electronics LLC G3VM3F Datasheet HTML 64Page - Omron Electronics LLC G3VM3F Datasheet HTML 65Page - Omron Electronics LLC G3VM3F Datasheet HTML 66Page - Omron Electronics LLC G3VM3F Datasheet HTML 67Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
MOS FET Relays
G3VM Series
85
Optimum Operating Conditions
Dimensions
Connections
G3VM-402J, -402J(TR), -62J1, -62J1(TR), -SW, -SW(TR)
Timing Chart
Parameter
Comments and conditions
G3VM-402J,
G3VM-402J(TR)
G3VM-62J1,
G3VM-62J1(TR)
G3VM-SW,
G3VM-SW(TR)
Output voltage strength
V
DD
Max.
320 V
48 V
280 V
Operate LED forward current
I
F
Min.
5 mA
5 mA
5 mA
Typical
7.5 mA
7.5 mA
7.5 mA
Max.
25 mA
25 mA
25 mA
Continuous load current
I
O
Max.
120 mA
400 mA
100 mA
Ambient temperature
T
A
-20
° to 65°C-20° to 65°C-20° to 65°C
Item
G3VM-402J,
G3VM-402J(TR)
G3VM-62J1,
G3VM-62J1(TR)
G3VM-SW,
G3VM-SW(TR)
Dimensions
See pages 97, 102
See pages 97, 102
See pages 97, 102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com