Electronic Components Datasheet Search
  English  ▼

X  

AD680 Datasheet(PDF) 8 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices AD680 Datasheet HTML 9Page - Analog Devices AD680 Datasheet HTML 10Page - Analog Devices AD680 Datasheet HTML 11Page - Analog Devices AD680 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD680
Rev. H | Page 8 of 12
AD680
+VIN
VOUT
VOUT
VOUT
0V
VL
249
Ω
0.1
μF
CL
1000pF
Figure 12. Capacitive Load Transient Response Test Circuit
Figure 13 displays the output amplifier characteristics driving a
1,000 pF, 0 mA to 10 mA load.
VOUT
VL
100
90
0%
10
5
μs
5mV
2V
Figure 13. Output Response with Capacitive Load
LOAD REGULATION
Figure 14 depicts the load regulation characteristics of
the AD680.
VOUT
VL
100
90
0%
10
100
μs
1mV
1V
Figure 14. Typical Load Regulation Characteristics
TEMPERATURE PERFORMANCE
The AD680 is designed for reference applications where tem-
perature performance is important. Extensive temperature
testing and characterization ensure that the device’s performance
is maintained over the specified temperature range.
Some confusion exists in the area of defining and specifying
reference voltage error over temperature. Historically, references
have been characterized using a maximum deviation per degree
centigrade, that is, ppm/°C. However, because of nonlinearities
in temperature characteristics that originated in standard Zener
references (such as “S” type characteristics), most manufac-
turers now use a maximum limit error band approach to specify
devices. This technique involves measuring the output at three
or more different temperatures to specify an output voltage
error band.
2.501
2.500
2.498
TEMPERATURE (
°C)
–50
60
020
40
2.499
–10
–30
80
100
SLOPE = TC
=
VMAX – VMIN
(TMAX – TMIN) × 2.5V × 10–6
=
2.501 – 2.498
(85
°C – (–40°C))
× 2.5V × 10–6
= 9.6ppm/
°C
Figure 15. Typical AD680AN/AD680AR Temperature Drift
Figure 15 shows a typical output voltage drift for the AD680AN/
AD680AR and illustrates the test methodology. The box in
Figure 15 is bounded on the left and right sides by the operat-
ing temperature extremes, and on the top and bottom by the
maximum and minimum output voltages measured over the
operating temperature range.
The maximum height of the box for the appropriate temperature
range and device grade is shown in Table 4. Duplication of these
results requires a combination of high accuracy and stable tem-
perature control in a test system. Evaluation of the AD680 will
produce a curve similar to that in Figure 15, but output readings
could vary depending upon the test equipment used.
Table 4. Maximum Output Change in mV
Maximum Output Change (mV)
Device Grade
0°C to 70°C
−40°C to +85°C
AD680JN/AD680JR
4.375
Not applicable
AD680JT
5.250
Not applicable
AD680AN
Not applicable
6.250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com