Electronic Components Datasheet Search
  English  ▼

X  

AD680 Datasheet(PDF) 9 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices AD680 Datasheet HTML 9Page - Analog Devices AD680 Datasheet HTML 10Page - Analog Devices AD680 Datasheet HTML 11Page - Analog Devices AD680 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD680
Rev. H | Page 9 of 12
TEMPERATURE OUTPUT PIN
The 8-lead package versions of the AD680 provide a tempera-
ture output pin on Pin 3 of each device. The output of Pin 3
(TEMP) is a voltage that varies linearly with temperature. VTEMP
at 25°C is 596 mV, and the temperature coefficient is 2 mV/°C.
Figure 16 shows the output of this pin over temperature.
The temperature pin has an output resistance of 12 kΩ and is
capable of sinking or sourcing currents of up to 5 μA without
disturbing the reference output. This enables the TEMP pin to
be buffered by many inexpensive operational amplifiers that
have bias currents below this value.
760
720
680
640
600
560
520
480
440
–50 –40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (
°C)
Figure 16. TEMP Pin Transfer Characteristics
DIFFERENTIAL TEMPERATURE TRANSDUCER
Figure 17 shows a differential temperature transducer that can
be used to measure temperature changes in the environment of
the AD680. This circuit operates from a 5 V supply. The
temperature-dependent voltage from the TEMP pin of the
AD680 is amplified by a factor of 5 to provide wider full-scale
range and more current sourcing capability. An exact gain of 5
can be achieved by adjusting the trim potentiometer until the
output varies by 10 mV/°C. To minimize resistance changes
with temperature, use resistors with low temperature
coefficients, such as metal film resistors.
6
3
2
7
4
OP90
5V
+
–
RF
6.98k
Ω
1%
RB
1.69k
Ω
1%
RBP
100
Ω
2
3
4
AD680
TEMP
GND
VIN
0.1
μF
5V
ΔV
OUT
ΔT = 10mV/°C
Figure 17. Differential Temperature Transducer
LOW POWER, LOW VOLTAGE REFERENCE FOR
DATA CONVERTERS
The AD680 has a number of features that make it ideally suited
for use with ADCs and DACs. The low supply voltage required
makes it possible to use the AD680 with today’s converters that
run on 5 V supplies without having to add a higher supply
voltage for the reference. The low quiescent current (195 μA),
combined with the completeness and accuracy of the AD680,
make it ideal for low power applications, such as hand-held,
battery-operated meters.
The AD7701 is an ADC that is well-suited for the AD680.
Figure 18 shows the AD680 used as the reference for this
converter. The AD7701 is a 16-bit ADC with on-chip digital
filtering intended for the measurement of wide dynamic range
and low frequency signals, such as those representing chemical,
physical, or biological processes. It contains a charge balancing
(Σ–Δ) ADC, a calibration microcontroller with on-chip static
RAM, a clock oscillator, and a serial communications port.
This entire circuit runs on ±5 V supplies. The power dissipation
of the AD7701 is typically 25 mW and, when combined with
the power dissipation of the AD680 (1 mW), the entire circuit
consumes just 26 mW of power.
AD680
GND
0.1
μF
AD7701
CAL
AGND
DGND
SC2
SC1
CLKOUT
CLKIN
SCLK
SDATA
CS
DRDY
MODE
DATA READY
READ (TRANSMIT)
SERIAL CLOCK
SERIAL DATA
SLEEP
0.1
μF
10
μF
0.1
μF
0.1
μF
+5V
ANALOG
SUPPLY
RANGE
SELECT
CALIBRATE
ANALOG
INPUT
ANALOG
GND
–5V
ANALOG
SUPPLY
0.1
μF
0.1
μF10μF
VIN
VOUT
AVDD
DVDD
DVSS
VREF
AIN
AVSS
BP/UP
Figure 18. Low Power, Low Voltage Supply Reference
for the AD7701 16-Bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com