Electronic Components Datasheet Search
  English  ▼

X  

AD680 Datasheet(PDF) 2 Page - Analog Devices

Part # AD680
Description  Low Power, Low Cost 2.5 V Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD680 Datasheet(HTML) 2 Page - Analog Devices

  AD680 Datasheet HTML 1Page - Analog Devices AD680 Datasheet HTML 2Page - Analog Devices AD680 Datasheet HTML 3Page - Analog Devices AD680 Datasheet HTML 4Page - Analog Devices AD680 Datasheet HTML 5Page - Analog Devices AD680 Datasheet HTML 6Page - Analog Devices AD680 Datasheet HTML 7Page - Analog Devices AD680 Datasheet HTML 8Page - Analog Devices AD680 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AD680
Rev. H | Page 2 of 12
TABLE OF CONTENTS
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Output Protection ........................................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Connection Diagram............................... 5
Theory of Operation ........................................................................ 6
Applying the AD680 .................................................................... 6
Noise Performance ....................................................................... 6
Turn-on Time................................................................................ 7
Dynamic Performance................................................................. 7
Load Regulation ............................................................................8
Temperature Performance............................................................8
Temperature Output Pin ..............................................................9
Differential Temperature Transducer .........................................9
Low Power, Low Voltage Reference for Data Converters ........9
4.5 V Reference from a 5 V Supply .......................................... 10
Voltage Regulator for Portable Equipment ............................. 10
Outline Dimensions ....................................................................... 11
Ordering Guide .......................................................................... 12
REVISION HISTORY
8/05—Rev. G to Rev. H
Changes to Ordering Guide ..........................................................11
12/04—Rev. F to Rev. G
Updated Format ................................................................. Universal
Changes to Ordering Guide ..........................................................11
5/04—Rev. E to Rev. F
Changes to ORDERING GUIDE ...................................................3
5/03—Rev. D to Rev. E
Changes to ORDERING GUIDE ...................................................3
Added ESD Caution ..........................................................................3
Changes to Figure 20.........................................................................7
Updated OUTLINE DIMENSIONS ...............................................8
7/01—Rev. C to Rev. D
Changes to SPECIFICATIONS........................................................2
Changes to ORDERING GUIDE ....................................................3
Table I added ......................................................................................6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com