Electronic Components Datasheet Search
  English  ▼

X  

AD1845JSTZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD1845JSTZ
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845JSTZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1845JSTZ Datasheet HTML 12Page - Analog Devices AD1845JSTZ Datasheet HTML 13Page - Analog Devices AD1845JSTZ Datasheet HTML 14Page - Analog Devices AD1845JSTZ Datasheet HTML 15Page - Analog Devices AD1845JSTZ Datasheet HTML 16Page - Analog Devices AD1845JSTZ Datasheet HTML 17Page - Analog Devices AD1845JSTZ Datasheet HTML 18Page - Analog Devices AD1845JSTZ Datasheet HTML 19Page - Analog Devices AD1845JSTZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
AD1845
–16–
REV. C
PIO Data Registers (ADR1:0 = 3)
ADR1:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
3
CD7
CD6
CD5
CD4
CD3
CD2
CD1
CD0
3
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
The PIO Data Registers are two registers mapped to the same address. Writes send data to the PIO Playback Data Register
(PD7:0). Reads will receive data from the PIO Capture Data Register (CD7:0).
During AD1845 initialization, the PIO Playback Data Register cannot be written to and the Capture Data Register is always read
as “1000 0000 (80h).”
CD7:0
PIO Capture Data Register. This is the control register where capture data is read during programmed I/O data
transfers.
The reading of this register will increment the capture byte state machine so that the following read will be from
the next appropriate byte in the sample. The exact byte which is next to be read can be determined by reading the
Status Register. Once all relevant bytes have been read, the state machine will stay pointed to the last byte of the
sample until a new sample is received from the ADCs. Once this has occurred, the state machine and Status
Register will point to the first byte of the sample.
PD7:0
PIO Playback Data Register. This is the control register where playback data is written during programmed I/O
data transfers.
Writing data to this register will increment the playback byte tracking state machine so that the following write will
be to the correct byte of the sample. Once all bytes of a sample have been written, subsequent byte writes to this
port are ignored. The state machine is reset when the current sample is sent to the DACs.
INDIRECT CONTROL REGISTER DEFINITIONS
The following control registers are accessed by writing index values to IXA3:0 in the Index Address Register (ADR1:0 = 0) followed
by a read/write to the Indexed Data Register (ADR1:0 = 1).
Left Input Control (IXA3:0 = 0)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0
LSS1
LSS0
LMGE
res
LIG3
LIG2
LIG1
LIG0
LIG3:0
Left input gain select. The least significant bit of this gain select represents +1.5 dB. Maximum gain is +22.5 dB.
res
Reserved for future expansion. Always write a zero to this bit.
LMGE
Left Input Microphone Gain Enable. This bit will enable the +20 dB gain of the left MIC input signal.
LSS1:0
Left Input Source Select. These bits select the input source for the left gain stage preceding the left ADC.
LSS1
LSS0
Left Input Source
0
0
Left Line Source Selected
0
1
Left Auxiliary 1 Source Selected
1
0
Left Microphone Source Selected
1
1
Left Line Post-Mixed DAC Output Source Selected
This register’s initial state after reset is “000x 0000.”
Right Input Control (IXA3:0 = 1)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
1
RSS1
RSS0
RMGE
res
RIG3
RIG2
RIG1
RIG0
RIG3:0
Right Input Gain Select. The least significant bit of this gain select represents +1.5 dB. Maximum gain is +22.5 dB.
res
Reserved for future expansion. Always write a zero to this bit.
RMGE
Right Input Microphone Gain Enable. This bit will enable the +20 dB gain of the right MIC input signal.
RSS1:0
Right Input Source Select. These bits select the input source for the right channel gain stage preceding the right
ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com