Electronic Components Datasheet Search
  English  ▼

X  

AD1845JSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD1845JSTZ
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845JSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1845JSTZ Datasheet HTML 15Page - Analog Devices AD1845JSTZ Datasheet HTML 16Page - Analog Devices AD1845JSTZ Datasheet HTML 17Page - Analog Devices AD1845JSTZ Datasheet HTML 18Page - Analog Devices AD1845JSTZ Datasheet HTML 19Page - Analog Devices AD1845JSTZ Datasheet HTML 20Page - Analog Devices AD1845JSTZ Datasheet HTML 21Page - Analog Devices AD1845JSTZ Datasheet HTML 22Page - Analog Devices AD1845JSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
AD1845
–19–
REV. C
Clock and Data Format Register (IXA3:0 = 8)
IXA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
8
FMT1
FMT0
C/L
S/M
CFS2
CFS1
CFS0
CSS
NOTE: Placing the AD1845 in the Mode Change Enable (MCE) state is not required when changing the sample rate. However,
changes to FMT[1:0], C/L, and S/M require MCE or setting PEN = 0.
CSS
Clock Source Select. This bit in conjunction with CFS2:0 selects the audio sample rate frequency. See Figure 8
below. Note: MODE2 allows a wider range of sample rate frequencies to be selected by using the Frequency
Select Register (refer to Registers 22 and 23).
CFS2:0
Clock Frequency Divide Select. These bits in conjunction with CSS select the audio sample frequency.
CFS2
CFS1
CFS0
CSS
Sample Rate
0
0
0
0
8.0
kHz
0
0
0
1
5.5125
kHz
0
0
1
0
16.0
kHz
0
0
1
1
11.025
kHz
0
1
0
0
27.42857 kHz
0
1
0
1
18.9
kHz
0
1
1
0
32.0
kHz
0
1
1
1
22.05
kHz
1
0
0
0
Reserved
1
0
0
1
37.8
kHz
1
0
1
0
Reserved
1
0
1
1
44.1
kHz
1
1
0
0
48.0
kHz
1
1
0
1
33.075
kHz
1
1
1
0
9.6
kHz
1
1
1
1
6.615
kHz
Figure 8. MODE1 Audio Sample Frequency Select
S/M
Stereo/Mono Select. This bit determines how the audio data streams are formatted. Selecting stereo will result
with alternating samples representing left and right audio channels. Mono playback plays the same audio sample
on both channels. Mono capture only captures data from the left audio channel.
0
Mono
1
Stereo
C/L
Companded/Linear Select. This bit selects between a linear digital representation of the audio signal or a nonlinear,
companded format for all input and output data. The type of linear PCM or the type of companded format is
defined by the FMT bits.
0
Linear PCM
1
Companded
FMT[1:0]
Format Select. The bits define the format for all digital audio input and outputs based on the state of the C/L bit.
See Figure 9 for FMT and C/L bit settings that determine the audio data type format.
res
Reserved for future expansion. Always write a zero to this bit.
This register’s initial state after reset is “0000 0000.”
FMT1
FMT0
C/L
Audio Data Type
0
0
0
Linear, 8-Bit Unsigned PCM
00
1
µ-Law, 8-Bit Companded
0
1
0
Linear, 16-Bit Twos-Complement PCM Little Endian
0
1
1
A-Law, 8-Bit Companded
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Linear, 16-Bit Twos Complement Big Endian
1
1
1
Reserved
Figure 9. Digital Audio Data Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com