Electronic Components Datasheet Search
  English  ▼

X  

AD1845JSTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD1845JSTZ
Description  Parallel-Port 16-Bit SoundPort Stereo Codec
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1845JSTZ Datasheet(HTML) 2 Page - Analog Devices

  AD1845JSTZ Datasheet HTML 1Page - Analog Devices AD1845JSTZ Datasheet HTML 2Page - Analog Devices AD1845JSTZ Datasheet HTML 3Page - Analog Devices AD1845JSTZ Datasheet HTML 4Page - Analog Devices AD1845JSTZ Datasheet HTML 5Page - Analog Devices AD1845JSTZ Datasheet HTML 6Page - Analog Devices AD1845JSTZ Datasheet HTML 7Page - Analog Devices AD1845JSTZ Datasheet HTML 8Page - Analog Devices AD1845JSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
AD1845–SPECIFICATIONS
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
Temperature
25
°C
Digital Supply (VDD)
5.0
V
Analog Supply (VCC)
5.0
V
Word Rate (FS)
48
kHz
Input Signal
1008
Hz
Analog Output Passband
20 Hz to 20 kHz
ADC FFT Size
2048
DAC FFT Size
8192
VIH
5V
VIL
0V
ANALOG INPUT
Min
Typ
Max
Units
Input Voltage (RMS Values Assume Sine Wave Input)
Line
1
V rms
2.55
2.83
3.35
V p-p
MIC with +20 dB Gain (MGE = 1)
0.1
V rms
0.255
0.283
0.335
V p-p
MIC with 0 dB Gain (MGE = 0)
1
V rms
2.55
2.83
3.35
V p-p
Input Impedance*
10
17
k
Ω
Input Capacitance
15
pF
PROGRAMMABLE GAIN AMPLIFIER–ADC
Min
Typ
Max
Units
Step Size (All Steps Tested)
(0 dB to 22.5 dB)
0.7
1.5
1.9
dB
PGA Gain Range Span
21.5
22.5
23.5
dB
AUXILIARY LINE, MONO, AND MICROPHONE INPUT ANALOG GAIN/AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size : AUX1, AUX2, LINE, MIC (All Steps Tested)
(+12 dB to –30 dB)
1.25
1.5
1.75
dB
(–31.5 dB to –34.5 dB)
1
1.5
2.0
dB
Step Size: M_IN (All Steps Tested)
(0 dB to –39 dB)
2.5
3.0
3.6
dB
(–42 dB to –45 dB)
2.2
3.0
3.85
dB
Input Gain/Attenuation Range: AUX1, AUX2, LINE, MIC
45.0
46.5
49.0
dB
Input Gain/Attenuation Range: M_IN
42
45
49
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS*
Min
Max
Units
Passband
0
0.4
× F
S
Hz
Passband Ripple
±0.1
dB
Transition Band
0.4
× F
S
0.6
× F
S
Hz
Stopband
0.6
× F
S
∞
Hz
Stopband Rejection
74
dB
Group Delay
15/FS
Group Delay Variation Over Passband
0.0
µs
*Guaranteed, not tested.
DAC Test Conditions
Calibrated
0 dB Relative to Full Scale
16-Bit Linear Mode
10 k
Ω Output Load
Mute Off, OL = 0
ADC Test Conditions
Calibrated
0 dB Gain
–1.0 dB Relative to Full Scale
Line Input
16-Bit Linear Mode
REV. C
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com