Electronic Components Datasheet Search
  English  ▼

X  

ATF1504AS Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 8Page - ATMEL Corporation ATF1504AS Datasheet HTML 9Page - ATMEL Corporation ATF1504AS Datasheet HTML 10Page - ATMEL Corporation ATF1504AS Datasheet HTML 11Page - ATMEL Corporation ATF1504AS Datasheet HTML 12Page - ATMEL Corporation ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ATF1504ASZ
12
Power Down Mode
The ATF1504AS includes an optional pin controlled power
down feature.When this mode is enabled, the PD pin acts
as the power down pin. When the PD pin is high, the device
supply current is reduced to less than 3 mA. During power
down, all output data and internal logic states are latched
and held. Therefore, all registered and combinatorial output
data remain valid. Any outputs which were in a Hi-Z state at
the onset will remain at Hi-Z. During power down, all input
signals except the power down pin are blocked. Input and
I/O hold latches remain active to insure that pins do not
float to indeterminate levels, further reducing system
power. The power down pin feature is enabled in the logic
design file. Designs using the power down pin may not use
the PD pin logic array input. However, all other PD pin mac-
rocell resources may still be used, including the buried
feedback and foldback product term array inputs.
Notes:
1. For slow slew outputs, add t
SSO.
2. Pin or Product Term.
JTAG-BST/ISP Overview
The JTAG boundary-scan testing is controlled by the Test
Access Port (TAP) controller in the ATF1504AS. The
boundary-scan technique involves the inclusion of a shift-
register stage (contained in a boundary-scan cell) adjacent
to each component so that signals at component bound-
aries can be controlled and observed using scan testing
principles. Each input pin and I/O pin has its own boundary
scan cell (BSC) in order to support boundary scan testing.
The ATF1504AS does not currently include a Test Reset
(TRST) input pin because the TAP controller is automati-
cally reset at power up. The five JTAG modes supported
in clude : SAM PLE/ PREL O AD, EXTEST , BYPASS,
IDCODE and HIGHZ. The ATF1504AS’s ISP can be fully
described using JTAG’s BSDL as described in IEEE Stan-
dard 1149.1b. This allows ATF1504AS programming to be
described and implemented using any one of the 3rd party
development tools supporting this standard.
The ATF1504AS has the option of using four JTAG-stan-
dard I/O pins for boundary scan testing (BST) and in-sys-
tem programming (ISP) purposes. The ATF1504AS is
programmable through the four JTAG pins using the IEEE
standard JTAG programming protocol established by IEEE
Standard 1149.1 using 5V TTL-level programming signals
from the ISP interface for in-system programming. The
JTAG feature is a programmable option. If JTAG (BST or
ISP) is not needed, then the four JTAG control pins are
available as I/O pins.
JTAG Boundary Scan Cell (BSC)
Testing
The ATF1504AS contains up to 68 I/O pins and 4 input
pins, depending on the device type and package type
selected. Each input pin and I/O pin has its own boundary
scan cell (BSC) in order to support boundary scan testing
as described in detail by IEEE Standard 1149.1. Typical
BSC consists of three capture registers or scan registers
and up to two update registers. There are two types of
BSCs, one for input or I/O pin, and one for the macrocells.
The BSCs in the device are chained together through the
capture registers. Input to the capture register chain is fed
in from the TDI pin while the output is directed to the TDO
pin. Capture registers are used to capture active device
data signals, to shift data in and out of the device and to
Power Down AC Characteristics(1)(2)
Symbol
Parameter
-7
-10
-15
-20
-25
Units
Min
Max
Min
MaxMin
MaxMin
MaxMin
Max
t
IVDH
Valid I, I/O Before PD High
7
10
15
20
25
ns
t
GVDH
Valid OE(2) Before PD High
7
10
15
20
25
ns
t
CVDH
Valid Clock(2) Before PD High
7
10
15
20
25
ns
t
DHIX
I, I/O Don’t Care After PD High
12
15
25
30
35
ns
t
DHGX
OE(2) Don’t Care After PD High
12
15
25
30
35
ns
t
DHCX
Clock(2) Don’t Care After PD High
12
15
25
30
35
ns
t
DLIV
PD Low to Valid I, I/O
11
1
1
1
µs
t
DLGV
PD Low to Valid OE (Pin or Term)
11
1
1
1
µs
t
DLCV
PD Low to Valid Clock (Pin or Term)
11
1
1
1
µs
t
DLOV
PD Low to Valid Output
11
1
1
1
µs
= Preliminary Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com