Electronic Components Datasheet Search
  English  ▼

X  

ATF1504AS Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 10Page - ATMEL Corporation ATF1504AS Datasheet HTML 11Page - ATMEL Corporation ATF1504AS Datasheet HTML 12Page - ATMEL Corporation ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation ATF1504AS Datasheet HTML 17Page - ATMEL Corporation ATF1504AS Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ATF1504ASZ
14
PCI Compliance
The ATF1504AS also supports the growing need in the
industry to support the new Peripheral Component Inter-
connect (PCI) interface standard in PCI-based designs and
specifications. The PCI interface calls for high current driv-
ers which are much larger than the traditional TTL drivers.
In general, PLDs and FPGAs parallel outputs to support the
high current load required by the PCI interface. The
ATF1504AS allows this without contributing to system
noise while delivering low output to output skew. Having a
programmable high drive option is also possible without
increasing output delay or pin capacitance. The PCI electri-
cal characteristics appear on the next page.
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Up Mode
PCI Voltage-to-Current Curves for +5V
Signaling in Pull-Down Mode
2.4
VCC
1.4
-2
-44
-178
Current (mA)
AC drive
point
DC
drive point
Pull Up
Test Point
2.2
VCC
0.55
3.6
95
380
Current (mA)
AC drive
point
DC
drive point
Pull Down
Test Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com